Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 458 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 458 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 454Page - Motorola, Inc MPXM2010D Datasheet HTML 455Page - Motorola, Inc MPXM2010D Datasheet HTML 456Page - Motorola, Inc MPXM2010D Datasheet HTML 457Page - Motorola, Inc MPXM2010D Datasheet HTML 458Page - Motorola, Inc MPXM2010D Datasheet HTML 459Page - Motorola, Inc MPXM2010D Datasheet HTML 460Page - Motorola, Inc MPXM2010D Datasheet HTML 461Page - Motorola, Inc MPXM2010D Datasheet HTML 462Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 670 page
background image
3–312
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1518
Using a Pulse Width Modulated Output with
Semiconductor Pressure Sensors
Prepared by: Eric Jacobsen and Jeff Baum
Sensor Design and Applications Group, Motorola Phoenix, AZ
INTRODUCTION
For remote sensing and noisy environment applications, a
frequency modulated (FM) or pulse width modulated (PWM)
output is more desirable than an analog voltage. FM and PWM
outputs inherently have better noise immunity for these types
of applications. Generally, FM outputs are more widely
accepted than PWM outputs, because PWM outputs are
restricted to a fixed frequency. However, obtaining a stable FM
output is difficult to achieve without expensive, complex
circuitry.
With either an FM or PWM output, a microcontroller can be
used to detect edge transitions to translate the time–domain
signal into a digital representation of the analog voltage signal.
In conventional voltage–to–frequency (V/F) conversions, a
voltage–controlled
oscillator
(VCO)
may
be
used
in
conjunction with a microcontroller. This use of two time bases,
one
analog
and
one
digital,
can
create
additional
inaccuracies.
With
either
FM
or
PWM
outputs,
the
microcontroller is only concerned with detecting edge
transitions. If a programmable frequency, stable PWM output
could be obtained with simple, inexpensive circuitry, a PWM
output would
be
a
cost–effective
solution
for
noisy
environment/remote sensing applications while incorporating
the advantages of frequency outputs.
The Pulse Width Modulated Output Pressure Sensor
design (Figure 1) utilizes simple, inexpensive circuitry to
create an output waveform with a duty cycle that is linear to the
applied pressure. Combining this circuitry with a single digital
time base to create and measure the PWM signal, results in
a stable, accurate output. Two additional advantages of this
design are 1) an A/D converter is not required, and 2) since the
PWM output calibration is controlled entirely by software,
circuit–to–circuit variations due to component tolerances can
be nullified.
The PWM Output Sensor system consists of a Motorola
MPX5000 series pressure sensor, a ramp generator
(transistor switch, constant current source, and capacitor), a
comparator, and an MC68HC05P9 microcontroller. These
subsystems are explained in detail below.
Figure 1. PWM Output Pressure Sensor Schematic
PWM Output
to Micro
+ 5.0 V
Pulse Train
from Micro
Comparator Stage
Ramp Generator
Pressure Sensor
U1
LM311D
C2
1.0
µF
R5
22.1 k
Ω
R4
4.75 k
Ω
Q1
MMBT3904LT1
C1
3.3
µF
U2
MDC4010CT1
R1
10 k
Ω
R3
4.75 k
Ω
X1
MPX5100DP
R2
10 k
Ω
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com