Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 514 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 514 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 510Page - Motorola, Inc MPXM2010D Datasheet HTML 511Page - Motorola, Inc MPXM2010D Datasheet HTML 512Page - Motorola, Inc MPXM2010D Datasheet HTML 513Page - Motorola, Inc MPXM2010D Datasheet HTML 514Page - Motorola, Inc MPXM2010D Datasheet HTML 515Page - Motorola, Inc MPXM2010D Datasheet HTML 516Page - Motorola, Inc MPXM2010D Datasheet HTML 517Page - Motorola, Inc MPXM2010D Datasheet HTML 518Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 670 page
background image
3–368
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1586
Designing a Homemade Digital Output for
Analog Voltage Output Sensors
by: Eric Jacobsen
Systems and Applications Engineer
Sensor Products Division
Motorola, Inc.
A digital output is more desirable than an analog output in
noisy environments (e.g. automotive, washing machines,
etc.) and remote sensing applications (building controls,
industrial applications, etc.) because a digital signal inherently
has better noise immunity compared to analog signals.
Additional applications requiring a sensor with a digital output
include microcontroller–based systems that have no A/D in
the system or that have no A/D channels available for the
sensing function. For these applications, there is no other
option but a digital output to further process the signal.
Via a design example this paper shows how to easily
convert an analog voltage output sensor to a digital output
sensor. For the design example, each of the required circuit
components is discussed in detail. While the design is
applicable to analog voltage output sensors (differential or
single–ended output) in general, the design example and
following
discussions
will
pertain
specifically
to
semiconductor pressure sensors.
The digital output sensor in Figure 1.
consists of the
following:
• Motorola MPX2000 series pressure sensor
• A two op amp gain stage to amplify the sensor’s signal
• An integrator (i.e. a low pass filter consisting of one resistor
and one capacitor)
• An LM311 comparator
• An MC68HC05P9 microcontroller with which only two pins
are used: the output compare timer channel (TCMP) and
one general I/O pin (the input capture timer channel, TCAP,
can be used in place of the general I/O pin). Since only two
of the MC68HC05P9’s pins are used, the remaining pins
are available for other system functions.
Figure 1. The Digital Output Sensor Schematic
AMPLIFIER
COMPARATOR
INTEGRATOR
TO MC68HC05P9’s
GENERAL I/O PIN OR
TCAP PIN
PRESSURE SENSOR
+
–
+
–
FROM MC68HC05P9’s
TCMP PIN
+
–
R6
+5 V
R5
C1
R4
R2
U1
MC33272
U1
MC33272
+5 V
+5 V
U2
LM311
R3
R+SHIFT1
R+SHIFT2
R1
+5 V
X1
MPX2000
SERIES
2
4
3
1
+5 V
RH
(OPTIONAL)
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com