Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 521 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 521 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 517Page - Motorola, Inc MPXM2010D Datasheet HTML 518Page - Motorola, Inc MPXM2010D Datasheet HTML 519Page - Motorola, Inc MPXM2010D Datasheet HTML 520Page - Motorola, Inc MPXM2010D Datasheet HTML 521Page - Motorola, Inc MPXM2010D Datasheet HTML 522Page - Motorola, Inc MPXM2010D Datasheet HTML 523Page - Motorola, Inc MPXM2010D Datasheet HTML 524Page - Motorola, Inc MPXM2010D Datasheet HTML 525Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 670 page
background image
3–375
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1636
Implementing Auto Zero for Integrated
Pressure Sensors
Prepared by Ador Reodique
Motorola Sensor Systems and Applications Engineering
INTRODUCTION
This application note describes how to implement an auto–
zero function when using a Motorola integrated pressure sen-
sor with a microcontroller and an analog to digital converter
(MCU and an A/D). Auto–zero is a compensation technique
based on sampling the offset of the sensor at reference pres-
sure (atmospheric pressure is a zero reference for a gauge
measurement) in order to correct the sensor output for long–
term offset drift or variation.
Sources of offset errors are due to device to device offset vari-
ation (trim errors), mechanical stresses (mounting stresses),
shifts due to temperature and aging. Performing auto–zero will
greatly reduce these errors. The amount of error correction is
limited by the resolution of the A/D.
In pressure sensing applications where a zero–pressure
reference condition can exist, auto–zero can be implemented
easily when an integrated pressure sensor is interfaced to
an MCU.
EFFECTS OF OFFSET ERRORS
Figure 1 illustrates the transfer function of an integrated
pressure sensor. It is expressed by the linear function:
VOUT =VOFF + [(VFSO *VOFF)/(PMAX *PREF)]*P
=VOFF + S*P.
Here, VOUT is the voltage output of the sensor, VFSO is the
full–scale output, VOFF is the offset, PMAX is the maximum
pressure and PREF is the reference pressure. Note that (VFSO
*VOFF/PMAX*PREF)canbethoughtofastheslopeoftheline
and VOFF as they y–intercept. The slope is also referred to as
the sensitivity, S, of the sensor.
Figure 1. Definition of Span, Full–Scale Output,
Offset and Sensitivity
SENSOR OUTPUT
VFSO
VOFF
PREF
PMAX
PRESSURE
SPAN
S
A two–point pressure calibration can be performed to
accurately determine the sensitivity and get rid of the offset
calibration errors altogether. However, this can be very
expensive in a high volume production due to extra time and
labor involved. The system designer therefore designs a
pressure sensor system by relying on the sensitivity and offset
data given in the data sheet and using a linear equation to
determine the pressure. Using the later, the sensed pressure
is easily determined by:
P = (VOUT *VOFF)/S.
If an offset error is introduced due to device to device varia-
tion, mechanical stresses, or offset shift due to temperature
(the offset has a temperature coefficient or TCO), those errors
will show up as an error,
∆P, in the pressure reading:
P +
∆P = [VOUT *(VOFF + ∆VOFF)]/S.
As evident in Figure 2, offset errors,
∆VOFF, have the effect
of moving the intercept up and down
without affecting the
sensitivity.
We can therefore correct this error by sampling the
pressure at zero reference pressure (atmosphere) and
subtracting this from the sensor output.
Figure 2. Effect of Offset Errors
SENSOR OUTPUT VOUT
VFSO
VOFF
PREF(atm)
PMAX
PRESSURE
∆VOFF
VP
∆P
P
AUTO–ZERO CONSIDERATIONS
IN APPLICATIONS
There is an important consideration when implementing
auto–zero. In order to use this technique,
a zero pressure
reference condition must be known to exist in the system.
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com