Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 540 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 540 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 536Page - Motorola, Inc MPXM2010D Datasheet HTML 537Page - Motorola, Inc MPXM2010D Datasheet HTML 538Page - Motorola, Inc MPXM2010D Datasheet HTML 539Page - Motorola, Inc MPXM2010D Datasheet HTML 540Page - Motorola, Inc MPXM2010D Datasheet HTML 541Page - Motorola, Inc MPXM2010D Datasheet HTML 542Page - Motorola, Inc MPXM2010D Datasheet HTML 543Page - Motorola, Inc MPXM2010D Datasheet HTML 544Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 670 page
background image
AN1668
3–394
Motorola Sensor Device Data
www.motorola.com/semiconductors
SUMMARY
Several washing machine solutions were examined. The
MPX10/12 solution can be expensive in terms of additional
support circuitry and the added time and labor involved during
the calibration procedure. The MPX2010 is good alternative
for high volume manufacturing because is already calibrated.
With this solution, however, the system amplifier design must
be chosen and designed carefully in order to minimize the sys-
tem error. This is a consideration when deciding to implement
a high accuracy solution with the MPX2010 because the cost
of the system will go up.
The MPXV4006G solution is geared towards high volume
manufacturing because trimming, compensation and amplifi-
cation is already on board. Besides the system simplicity and
using less component, the resolution and overall accuracy of
this solution is better than the MPX2010 solution. In some
cases, less components can actually improve the reliability
and manufacturability the system.
REFERENCES
[1] Benchmark of Washing Machine Mechanical Sensor,
Jack Rondoni, Motorola Internal Document.
[2] Mechanical Sensor Characterization, Ador Reodique,
Motorola Internal Document.
[3] AN1551 Low Pressure Sensing with the MPX2010
Pressure Sensor, Jeff Baum, Motorola Application Note.
[4] AN1636 Implementing Auto–Zero for Integrated Pressure
Sensors, Ador Reodique, Motorola Application Note.
[5] AN1556 Designing Sensor Performance Specifications
for MCU–based Systems, Eric Jacobsen and Jeff Baum,
Motorola Application Note.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com