Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 586 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 586 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 582Page - Motorola, Inc MPXM2010D Datasheet HTML 583Page - Motorola, Inc MPXM2010D Datasheet HTML 584Page - Motorola, Inc MPXM2010D Datasheet HTML 585Page - Motorola, Inc MPXM2010D Datasheet HTML 586Page - Motorola, Inc MPXM2010D Datasheet HTML 587Page - Motorola, Inc MPXM2010D Datasheet HTML 588Page - Motorola, Inc MPXM2010D Datasheet HTML 589Page - Motorola, Inc MPXM2010D Datasheet HTML 590Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 670 page
background image
3–440
Motorola Sensor Device Data
www.motorola.com/semiconductors
Reference Tables (continued)
Conversion Table for Common Units of Pressure
kiloPascals
mm Hg
millibars
inches H2O
PSI
1 atm
101.325
760.000
1013.25
406.795
14.6960
1 kiloPascal
1.00000
7.50062
10.0000
4.01475
0.145038
1 mm Hg
0.133322
1.00000
1.33322
0.535257
0.0193368
1 millibar
0.100000
0.750062
1.00000
0.401475
0.0145038
1 inch H2O
0.249081
1.86826
2.49081
1.00000
0.0361
1 PSI
6.89473
51.7148
68.9473
27.6807
1.00000
1 hectoPascal
0.100000
0.75006
1.00000
0.401475
0.0145038
1 cm H2O
0.09806
0.7355
9.8 x 10–7
0.3937
0.014223
Quick Conversion Chart for Common Units of Pressure
kiloPascals
inches H2O
millibars
mm Hg
PSI
0
20
40
60
80
100
120
140
160
180
200
0
100
200
300
400
500
600
700
800
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
200
400
600
800
1000
1200
1400
1600
0
5
10
15
20
25
30
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com