Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 616 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 616 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 612Page - Motorola, Inc MPXM2010D Datasheet HTML 613Page - Motorola, Inc MPXM2010D Datasheet HTML 614Page - Motorola, Inc MPXM2010D Datasheet HTML 615Page - Motorola, Inc MPXM2010D Datasheet HTML 616Page - Motorola, Inc MPXM2010D Datasheet HTML 617Page - Motorola, Inc MPXM2010D Datasheet HTML 618Page - Motorola, Inc MPXM2010D Datasheet HTML 619Page - Motorola, Inc MPXM2010D Datasheet HTML 620Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 670 page
background image
4–24
Motorola Sensor Device Data
www.motorola.com/semiconductors
Photoelectric Smoke
Detector IC with I/O
The CMOS MC145010 is an advanced smoke detector component
containing sophisticated very–low–power analog and digital circuitry. The IC is
used with an infrared photoelectric chamber. Detection is accomplished by
sensing scattered light from minute smoke particles or other aerosols. When
detection occurs, a pulsating alarm is sounded via on–chip push–pull drivers
and an external piezoelectric transducer.
The variable–gain photo amplifier allows direct interface to IR detectors
(photodiodes). Two external capacitors, C1 and C2, C1 being the larger,
determine the gain settings. Low gain is selected by the IC during most of the
standby state. Medium gain is selected during a local–smoke condition. High gain
is used during pushbutton test. During standby, the special monitor circuit which
periodically checks for degraded chamber sensitivity uses high gain, also.
The I/O pin, in combination with VSS, can be used to interconnect up to 40
units for common signaling. An on–chip current sink provides noise immunity
when the I/O is an input. A local–smoke condition activates the short–circuit–
protected I/O driver, thereby signaling remote smoke to the interconnected
units. Additionally, the I/O pin can be used to activate escape lights, enable
auxiliary or remote alarms, and/or initiate auto–dialers.
While in standby, the low–supply detection circuitry conducts periodic checks
using a pulsed load current from the LED pin. The trip point is set using two
external resistors. The supply for the MC145010 can be a 9 V battery.
A visible LED flash accompanying a pulsating audible alarm indicates a
local–smoke condition. A pulsating audible alarm with no LED flash indicates a
remote–smoke condition. A beep or chirp occurring virtually simultaneously
with an LED flash indicates a low–supply condition. A beep occurring half–way
between LED flashes indicates degraded chamber sensitivity. A low–supply
condition does not affect the smoke detection capability if VDD ≥ 6 V. Therefore,
the low–supply condition and degraded chamber sensitivity can be further
distinguished by performing a pushbutton (chamber) test.
• Circuit is designed to operate in smoke detector systems that comply with
UL217 and UL268 Specifications
• Operating Voltage Range: 6 to 12 V
• Operating Temperature Range: – 10 to 60°C
• Average Supply Current: 12 µA
• Power–On Reset Places IC in Standby Mode (Non–Alarm State)
• Electrostatic Discharge (ESD) and Latch Up Protection Circuitry on All Pins
• Chip Complexity: 2000 FETs, 12 NPNs, 16 Resistors, and 10 Capacitors
• Ideal for battery powered applications.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145010
P SUFFIX
PLASTIC DIP
CASE 648–08
PIN ASSIGNMENT
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C1
C2
Detect
Strobe
VDD
IRED
I/O
Brass
Test
Low–Supply
Trip
VSS
R1
Osc
LED
Feedback
Silver
ORDERING INFORMATION
MC145010P
PLASTIC DIP
MC145010DW
SOIC PACKAGE
1
16
DW SUFFIX
SOIC PACKAGE
CASE 751G–03
1
16
REV 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com