Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 639 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 639 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 635Page - Motorola, Inc MPXM2010D Datasheet HTML 636Page - Motorola, Inc MPXM2010D Datasheet HTML 637Page - Motorola, Inc MPXM2010D Datasheet HTML 638Page - Motorola, Inc MPXM2010D Datasheet HTML 639Page - Motorola, Inc MPXM2010D Datasheet HTML 640Page - Motorola, Inc MPXM2010D Datasheet HTML 641Page - Motorola, Inc MPXM2010D Datasheet HTML 642Page - Motorola, Inc MPXM2010D Datasheet HTML 643Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 670 page
background image
MC145012
4–47
Motorola Sensor Device Data
www.motorola.com/semiconductors
AC ELECTRICAL CHARACTERISTICS (Reference Timing Diagram Figures 3 and 4)
(TA = 25°C, VDD = 9.0 V, Component Values from Figure 5: R1 = 100.0 KΩ, C3 = 1500.0 pF, R2 = 7.5 MΩ)
No.
Symbol
Parameter
Test Condition
Clocks
Min*
Typ**
Max*
Unit
1
1/fosc
Oscillator Period
Free–Running Sawtooth
Measured at Pin 12
1
7.0
7.9
8.6
ms
2
tLED
LED Pulse Period
No Local Smoke, and
No Remote Smoke
4096
28.8
32.4
35.2
s
3
Remote Smoke, but
No Local Smoke
—
Extinguished
4
Local Smoke
64
0.45
0.5
0.55
5
Pushbutton Test
64
0.45
0.5
0.55
6
tw(LED),
tw(stb)
LED Pulse Width and Strobe
Pulse Width
1
7.0
—
8.6
ms
7
tIRED
IRED Pulse Period
Smoke Test
1024
7.2
8.1
8.8
s
8
tIRED
IRED Pulse Period
Chamber Sensitivity Test,
without Local Smoke
4096
28.8
32.4
35.2
s
9
Pushbutton Test
128
0.9
1
1.1
10
tw(IRED)
IRED Pulse Width
Tf*
94
116
µs
11
tr
IRED Rise Time
—
—
30
µs
12
tf
IRED Fall Time
—
—
200
13
ton
Silver and Brass Temporal
Mdlti
Pl
Width
64
0.45
0.5
0.55
s
14
toff
Modulation Pulse Width
0.45
0.5
0.55
15
toffd
192
1.35
1.52
1.65
16
tCH
Silver and Brass Chirp Pulse
Period
Low Supply or Degraded
Chamber Sensitivity
4096
28.8
32.4
35.2
s
17
twCH
Silver and Brass Chirp Pulse
Width
1
7.0
7.9
8.6
ms
18
tRR
Rising Edge on I/O to Smoke
Alarm Response Time
Remote Smoke,
No Local Smoke
—
—
2 !
—
s
19
tstb
Strobe Out Pulse Period
Smoke Test
1024
7.2
8.1
8.8
s
20
Chamber Sensitivity Test,
without Local Smoke
4096
28.8
32.4
35.2
21
Low Supply Test,
without Local Smoke
4096
28.8
32.4
35.2
22
Pushbutton Test
—
—
1
—
* Oscillator period T (= Tr + Tf) is determined by the external components R1, R2, and C3 where Tr = (0.6931) R2 * C3 and Tf = (0.6931) R1 * C3.
The other timing characteristics are some multiple of the oscillator timing as shown in the table. The timing shown should accomodate the NFPA
72, ANSI S3.41, and ISO 8201 audible emergency evacuation signals.
** Typicals are not guaranteed.
! Time is typical — depends on what point in cycle signal is applied.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com