Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 664 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 664 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 660Page - Motorola, Inc MPXM2010D Datasheet HTML 661Page - Motorola, Inc MPXM2010D Datasheet HTML 662Page - Motorola, Inc MPXM2010D Datasheet HTML 663Page - Motorola, Inc MPXM2010D Datasheet HTML 664Page - Motorola, Inc MPXM2010D Datasheet HTML 665Page - Motorola, Inc MPXM2010D Datasheet HTML 666Page - Motorola, Inc MPXM2010D Datasheet HTML 667Page - Motorola, Inc MPXM2010D Datasheet HTML 668Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 670 page
background image
4–72
Motorola Sensor Device Data
www.motorola.com/semiconductors
Package Outline Dimensions
CASE 648–08
ISSUE R
CASE 751G–04
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
STYLE 1:
PIN 1.
CATHODE
2.
CATHODE
3.
CATHODE
4.
CATHODE
5.
CATHODE
6.
CATHODE
7.
CATHODE
8.
CATHODE
9.
ANODE
10.
ANODE
11.
ANODE
12.
ANODE
13.
ANODE
14.
ANODE
15.
ANODE
16.
ANODE
STYLE 2:
PIN 1.
COMMON DRAIN
2.
COMMON DRAIN
3.
COMMON DRAIN
4.
COMMON DRAIN
5.
COMMON DRAIN
6.
COMMON DRAIN
7.
COMMON DRAIN
8.
COMMON DRAIN
9.
GATE
10.
SOURCE
11.
GATE
12.
SOURCE
13.
GATE
14.
SOURCE
15.
GATE
16.
SOURCE
–A–
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
–T–
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
3. DATUMS A AND B TO BE DETERMINED AT
THE PLANE WHERE THE BOTTOM OF THE
LEADS EXIT THE PLASTIC BODY.
4. THIS DIMENSION DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURRS.
MOLD FLASH, PROTRUSION OR GATE BURRS
SHALL NOT EXCEED 0.15mm PER SIDE. THIS
DIMENSION IS DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT
THE PLASTIC BODY.
5. THIS DIMENSION DOES NOT INCLUDE
INTER–LEAD FLASH OR PROTRUSIONS.
INTER–LEAD FLASH AND PROTRUSIONS
SHALL NOT EXCEED 0.25mm PER SIDE. THIS
DIMENSION IS DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT
THE PLASTIC BODY.
6. THIS DIMENSION DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL NOT CAUSE
THE LEAD WIDTH TO EXCEED 0.62mm.
89
1
16
SEATING
PLANE
7
0.75
X45
_
8X
M
0.25
B
0.49
16X
B
M
0.25
A
T
4
10.55
10.05
10.45
10.15
A
7.6
7.4
B
PIN 1 INDEX
PIN’S
NUMBER
5
A
A
0.25
1.0
0.4
0
0.32
0.23
°
°
SECTION A–A
0.35
2.65
2.35
0.25
0.10
6
T
16X
0.1 T
1.27
14X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com