Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 101 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 101 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 97Page - Motorola, Inc MPXM2010D Datasheet HTML 98Page - Motorola, Inc MPXM2010D Datasheet HTML 99Page - Motorola, Inc MPXM2010D Datasheet HTML 100Page - Motorola, Inc MPXM2010D Datasheet HTML 101Page - Motorola, Inc MPXM2010D Datasheet HTML 102Page - Motorola, Inc MPXM2010D Datasheet HTML 103Page - Motorola, Inc MPXM2010D Datasheet HTML 104Page - Motorola, Inc MPXM2010D Datasheet HTML 105Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 670 page
background image
2–65
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1611
Impact Measurement Using Accelerometers
Prepared by: C.S. Chua
Sensor Application Engineering
Singapore, A/P
INTRODUCTION
This application note describes the concept of measuring
impact of an object using an accelerometer, microcontroller
hardware/software and a liquid crystal display. Due to the wide
frequency response of the accelerometer from d.c. to 400Hz,
the device is able to measure both the static acceleration from
the Earth’s gravity and the shock or vibration from an impact.
This design uses a 40G accelerometer (Motorola P/N:
MMA2200W) yields a minimum acceleration range of –40G to
+40G.
MMA2200W
FRONT VIEW
SIDE VIEW
PCB
1.0 g
+
q
–
q
Figure 1. Orientation of Accelerometer
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com