Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 115 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 115 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 111Page - Motorola, Inc MPXM2010D Datasheet HTML 112Page - Motorola, Inc MPXM2010D Datasheet HTML 113Page - Motorola, Inc MPXM2010D Datasheet HTML 114Page - Motorola, Inc MPXM2010D Datasheet HTML 115Page - Motorola, Inc MPXM2010D Datasheet HTML 116Page - Motorola, Inc MPXM2010D Datasheet HTML 117Page - Motorola, Inc MPXM2010D Datasheet HTML 118Page - Motorola, Inc MPXM2010D Datasheet HTML 119Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 670 page
background image
AN1612
2–79
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 6 is a schematic drawing of the whole demo and
Figures 7, 8, and 9 show the printed circuit board and compo-
nent layout for the shock and mute pager. Table 1 is the corre-
sponding part list.
OSC1
/RESET
/IRQ
TCAP1
TCAP2
VRH
VRL
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PD7/AN7
PD6/AN6
PD5/AN5
PD4/AN4
PD3/AN3
PD2/AN2
PD1/AN1
PD0/AN0
PC7
PC6
PC5
PC4
PC3
PC2/ECLK
PC1
PC0
PLMB
PLMA
VSS
SCLK
TDO
TCMP2
TCMP1
VDD
OSC2
14
13
12
11
9
5
4
3
49
48
47
46
45
44
43
42
20
21
52
51
2
1
17
10
32
33
34
35
36
37
38
39
24
25
26
27
28
29
30
31
7
8
41
23
22
19
18
16
PIEZO
TRANSDUCER
U4
J2
MC78L05ACP
C10
2
1
U5
2
GND
INPUT
OUTPUT
C9
0.1
m
+5.0 V
0.33
m
31
VS
GND
BYPASS
OUTPUT
SELF–TEST
C4
22 p
+5.0 V
C11
47
m
C6
10 n
R4
10 M
C3
22 p
+5.0 V
R5
10 k
C5
10 n
+5.0 V
R6
180 R
R7
10 k
J1
R8
1.0 k
C8
10 n
4
5
MC68HC705B16CFN
U3
R9
10 k
6
8
7
C1
0.1
m
C2
0.1
m
R3
10 k
R1
100 k
C7
0.1
m
+5.0 V
4
1 5
6
7
8
3
2
+5.0 V
MMA1201P
R2
100 k
2
1
C12
1.0
m
+
+
–
U2
LM311N
D1
+5.0 V
S2
S1
+5.0 V
+
X1
U1
Figure 6. Overall Schematic Diagram of the Demo
4 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com