Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 131 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 131 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 127Page - Motorola, Inc MPXM2010D Datasheet HTML 128Page - Motorola, Inc MPXM2010D Datasheet HTML 129Page - Motorola, Inc MPXM2010D Datasheet HTML 130Page - Motorola, Inc MPXM2010D Datasheet HTML 131Page - Motorola, Inc MPXM2010D Datasheet HTML 132Page - Motorola, Inc MPXM2010D Datasheet HTML 133Page - Motorola, Inc MPXM2010D Datasheet HTML 134Page - Motorola, Inc MPXM2010D Datasheet HTML 135Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 670 page
background image
AN1635
2–95
Motorola Sensor Device Data
www.motorola.com/semiconductors
VIN
VOUT
MC78L05ACP
GND
1
2
3
U15
+9 VDC P.S.
VCC
B+
1
C17
C18
GND P.S.
R16 – R30
10 k
R32 – R46
180
B+
From PB or PC
1/8 LED Display
U16–U19 MPQ3904
R31
10
R47
PB0
VCC
R48
1
VCC
“Your Speed’’
“Best Speed’’
1/4 MPQ3094
U20 VN0300L
B
C
D
E
F
G
DP
µF
1
µF
A
Ω
Ω
Ω
k
1
Ω
k
Ω
k
Figure 4c. Voltage Regulator, LED Segment Mapping, and LED Driving Circuitry
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com