Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 147 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 147 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 143Page - Motorola, Inc MPXM2010D Datasheet HTML 144Page - Motorola, Inc MPXM2010D Datasheet HTML 145Page - Motorola, Inc MPXM2010D Datasheet HTML 146Page - Motorola, Inc MPXM2010D Datasheet HTML 147Page - Motorola, Inc MPXM2010D Datasheet HTML 148Page - Motorola, Inc MPXM2010D Datasheet HTML 149Page - Motorola, Inc MPXM2010D Datasheet HTML 150Page - Motorola, Inc MPXM2010D Datasheet HTML 151Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 670 page
background image
3–1
Motorola Sensor Device Data
www.motorola.com/semiconductors
Pressure
Sensor Products
Section Three
General Information:
Pressure Sensor Overview
Motorola’s pressure sensors are silicon micromachined, elec-
tromechanical devices featuring device uniformity and con-
sistency, high reliability, accuracy and repeatability at
competitively low costs. With more than 20 years in pressure
sensor engineering, technology development and manufac-
turing, these pressure sensors have been designed into auto-
motive, industrial, healthcare, commercial and consumer
products worldwide.
Pressure sensors operate in pressures up to 150psi (1000
kPa). For maximum versatility, Motorola pressure sensors are
single silicon, piezoresistive devices with three levels of de-
vice sophistication. The basic sensor device provides uncom-
pensated sensing, the next level adds device compensation
and the third and most value added pressure sensors are the
integrated devices. Compensated sensors are available in
temperature compensated and calibrated configurations; inte-
grated devices are available in temperature compensated,
calibrated and signal conditioned (or amplified) configura-
tions. Each sensor family is available in gauge, absolute and
differential pressure references in a variety of packaging and
porting options.
Mini Selector Guide
3–2
. . . . . . . . . . . . . . . . . . . . . . . . .
Device Numbering System
3–4
. . . . . . . . . . . . . . . . . .
Package Offerings
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Orderable Part Numbers
3–6
. . . . . . . . . . . . . . . . . . . . .
Pressure Sensor Overview
General Information
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Motorola Pressure Sensors
3–8
. . . . . . . . . . . . . . . . . . . .
Integration
3–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Sensor Applications
3–13
. . . . . . . . . . . . . . . . . . . . . . . . .
Pressure Sensor FAQ’s
3–14
. . . . . . . . . . . . . . . . . . . . . .
Data Sheets
3–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Application Notes
3–188
. . . . . . . . . . . . . . . . . . . . . . . . .
Case Outlines
3–423
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference Information
Reference Tables
3–439
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Mounting and Handling Suggestions
3–441
. . . . . . . . . .
Standard Warranty Clause
3–442
. . . . . . . . . . . . . . . . . . .
Glossary of Terms
3–443
. . . . . . . . . . . . . . . . . . . . . . . . .
Symbols, Terms and Definitions
3–446
. . . . . . . . . . .
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com