Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 156 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 156 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 152Page - Motorola, Inc MPXM2010D Datasheet HTML 153Page - Motorola, Inc MPXM2010D Datasheet HTML 154Page - Motorola, Inc MPXM2010D Datasheet HTML 155Page - Motorola, Inc MPXM2010D Datasheet HTML 156Page - Motorola, Inc MPXM2010D Datasheet HTML 157Page - Motorola, Inc MPXM2010D Datasheet HTML 158Page - Motorola, Inc MPXM2010D Datasheet HTML 159Page - Motorola, Inc MPXM2010D Datasheet HTML 160Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 670 page
background image
3–10
Motorola Sensor Device Data
www.motorola.com/semiconductors
kPa
PSI
40
35
30
25
15
10
5
0
–5
025
3.62
50
7.25
75
10.87
100
14.5
SPAN
RANGE
(TYP)
OFFSET
(TYP)
TYP
20
PRESSURE DIFFERENTIAL
100
90
80
70
60
50
40
30
20
10
0
PSI
kPa
01
2
3
4
5
6
7
8
010
20
30
40
50
–40
°C
Typical Electrical Characteristic Curves
VS = 10 Vdc
TA = 25°C
MPX2100
P1 > P2
MAX
MIN
+ 125
°C
TA = – 40 TO + 125°C
COMPENSATED
COMPENSATED VS = 10 Vdc
UNCOMPENSATED VS = 3 Vdc
P1 > P2
UNCOMPENSATED
Figure 6. Output versus Pressure Differential
Figure 7. Typical–Output Voltage versus
Pressure and Temperature for Compensated
and Uncompensated Devices
Figure 8. Signal Conditioned MPX5100
+25
°C
0.5
0
1.0
TYP
MIN
4.5
5.0
4.0
3.5
3.0
2.5
2.0
1.5
010
50
70
110
20
30
40
60
80 90 100
MAX
DIFFERENTIAL PRESSURE (in kPa)
TRANSFER FUNCTION:
Vout = Vs* (0.009*P – 0.04)
± error
Vs = 5.0 Vdc
TEMP = 0 to 85
°C
MPX5100D
P1 > P2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com