Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 169 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 169 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 165Page - Motorola, Inc MPXM2010D Datasheet HTML 166Page - Motorola, Inc MPXM2010D Datasheet HTML 167Page - Motorola, Inc MPXM2010D Datasheet HTML 168Page - Motorola, Inc MPXM2010D Datasheet HTML 169Page - Motorola, Inc MPXM2010D Datasheet HTML 170Page - Motorola, Inc MPXM2010D Datasheet HTML 171Page - Motorola, Inc MPXM2010D Datasheet HTML 172Page - Motorola, Inc MPXM2010D Datasheet HTML 173Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 670 page
background image
3–23
Motorola Sensor Device Data
www.motorola.com/semiconductors
10 kPa On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPX2010/MPXV2010G series silicon
piezoresistive pressure sensors provide a very
ac c u rate and linear voltage output — direc tly
proportional to the applied pressure. These sensors
house a single monolithic silicon die with the strain
gauge and thin–film resistor network integrated on
each chip. The sensor is laser trimmed for precise
s pan, of fs et calibration and temperature
compensation.
Features
• Temperature Compensated over 0°C to +85°C
• Ratiometric to Supply Voltage
• Differential and Gauge Options
Application Examples
• Respiratory Diagnostics
• Air Movement Control
• Controllers
• Pressure Switching
Figure 1 shows a block diagram of the internal
circuitry on the stand–alone pressure sensor chip.
Figure 1. Temperature Compensated and Calibrated
Pressure Sensor Schematic
VS
3
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout–
1
GND
VOLTAGE OUTPUT versus
APPLIED DIFFERENTIAL PRESSURE
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the
pressure side (P1) relative to the vacuum side (P2).
Similarly, output voltage increases as increasing vacu-
um is applied to the vacuum side (P2) relative to the
pressure side (P1).
Preferred devices are Motorola recommended choices for future use and
best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
SMALL OUTLINE PACKAGE
SURFACE MOUNT
UNIBODY PACKAGE
MPX2010GP
CASE 344B
MPX2010GSX
CASE 344F
PIN NUMBER
NOTE: Pin 1 is noted by the notch in
the lead.
1
2
3
Gnd
+Vout
VS
5
6
7
N/C
N/C
N/C
4–Vout
8
N/C
MPX2010D
CASE 344
MPX2010DP
CASE 344C
MPX2010GS
CASE 344E
MPXV2010DP
CASE 1351
MPXV2010GP
CASE 1369
MPX2010
MPXV2010G
SERIES
COMPENSATED
PRESSURE SENSOR
0 to 10 kPa (0 to 1.45 psi)
FULL SCALE SPAN: 25 mV
Motorola Preferred Device
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
NOTE: Pin 1 is noted by the notch in
the lead.
REV 9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com