Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 228 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 228 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 224Page - Motorola, Inc MPXM2010D Datasheet HTML 225Page - Motorola, Inc MPXM2010D Datasheet HTML 226Page - Motorola, Inc MPXM2010D Datasheet HTML 227Page - Motorola, Inc MPXM2010D Datasheet HTML 228Page - Motorola, Inc MPXM2010D Datasheet HTML 229Page - Motorola, Inc MPXM2010D Datasheet HTML 230Page - Motorola, Inc MPXM2010D Datasheet HTML 231Page - Motorola, Inc MPXM2010D Datasheet HTML 232Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 670 page
background image
MPX4115A MPXA4115A SERIES
3–82
Motorola Sensor Device Data
www.motorola.com/semiconductors
Transfer Function (MPX4115A, MPXA4115A)
Nominal Transfer Value: Vout = VS x (0.009 x P – 0.095)
± (Pressure Error x Temp. Factor x 0.009 x VS)
VS = 5.1 ± 0.25 Vdc
Temperature Error Band
MPX4115A, MPXA4115A Series
Break Points
Temp
Multiplier
– 40
3
0 to 85
1
125
3
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0
°C to –40°C and from 85°C to 125°C
Pressure Error Band
Error Limits for Pressure
3.0
2.0
1.0
–1.0
– 2.0
– 3.0
0.0
20
Pressure (in kPa)
Pressure
Error (Max)
15 to 115 (kPa)
± 1.5 (kPa)
40
60
80
100
120
ORDERING INFORMATION — UNIBODY PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Marking
Basic Element
Absolute, Element Only
867
MPX4115A
MPX4115A
Ported Elements
Absolute, Ported
867B
MPX4115AP
MPX4115AP
Absolute, Stove Pipe Port
867E
MPX4115AS
MPX4115A
ORDERING INFORMATION — SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Absolute, Element Only
482
MPXA4115A6U
Rails
MPXA4115A
Absolute, Element Only
482
MPXA4115A6T1
Tape and Reel
MPXA4115A
Ported Element
Absolute, Axial Port
482A
MPXA4115AC6U
Rails
MPXA4115A
Absolute, Axial Port
482A
MPXA4115AC6T1
Tape and Reel
MPXA4115A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com