Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 243 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 243 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 239Page - Motorola, Inc MPXM2010D Datasheet HTML 240Page - Motorola, Inc MPXM2010D Datasheet HTML 241Page - Motorola, Inc MPXM2010D Datasheet HTML 242Page - Motorola, Inc MPXM2010D Datasheet HTML 243Page - Motorola, Inc MPXM2010D Datasheet HTML 244Page - Motorola, Inc MPXM2010D Datasheet HTML 245Page - Motorola, Inc MPXM2010D Datasheet HTML 246Page - Motorola, Inc MPXM2010D Datasheet HTML 247Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 670 page
background image
3–97
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPX5010/MPXV5010G series piezoresistive
transducers are state–of–the–art monolithic silicon pres-
sure sensors designed for a wide range of applications, but
particularly those employing a microcontroller or micro-
processor with A/D inputs. This transducer combines
advanced micromachining techniques, thin–film metal-
lization, and bipolar processing to provide an accurate,
high level analog output signal that is proportional to the
applied pressure.
Features
• 5.0% Maximum Error over 0° to 85°C
• Ideally Suited for Microprocessor or Microcontroller–
Based Systems
• Durable Epoxy Unibody and Thermoplastic (PPS)
Surface Mount Package
• Temperature Compensated over *40° to +125°C
• Patented Silicon Shear Stress Strain Gauge
• Available in Differential and Gauge Configurations
• Available in Surface Mount (SMT) or Through–hole
(DIP) Configurations
Application Examples
• Hospital Beds
• HVAC
• Respiratory Systems
• Process Control
Figure 1. Fully Integrated Pressure
Sensor Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1 AND 5 THROUGH 8 ARE NO CONNECTS
FOR SURFACE MOUNT PACKAGE
PINS 4, 5, AND 6 ARE NO CONNECTS FOR
UNIBODY PACKAGE
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPXV5010GC7U
CASE 482C
MPXV5010GC6U
CASE 482A
MPXV5010G6U
CASE 482
MPX5010
MPXV5010G
SERIES
INTEGRATED
PRESSURE SENSOR
0 to 10 kPa (0 to 1.45 psi)
0.2 to 4.7 V Output
SMALL OUTLINE PACKAGE
PIN NUMBER
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is noted by the notch
in the lead.
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
4Vout
8
N/C
UNIBODY PACKAGE
MPX5010D
CASE 867
MPX5010DP
CASE 867C
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the lead.
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
MPX5010GS
CASE 867E
Motorola Preferred Device
MPXV5010DP
CASE 1351
MPXV5010GP
CASE 1369
REV 9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com