Electronic Components Datasheet Search
  English  ▼

X  

MPXM2010D Datasheet(PDF) 298 Page - Motorola, Inc

Part # MPXM2010D
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010D Datasheet(HTML) 298 Page - Motorola, Inc

Back Button MPXM2010D Datasheet HTML 294Page - Motorola, Inc MPXM2010D Datasheet HTML 295Page - Motorola, Inc MPXM2010D Datasheet HTML 296Page - Motorola, Inc MPXM2010D Datasheet HTML 297Page - Motorola, Inc MPXM2010D Datasheet HTML 298Page - Motorola, Inc MPXM2010D Datasheet HTML 299Page - Motorola, Inc MPXM2010D Datasheet HTML 300Page - Motorola, Inc MPXM2010D Datasheet HTML 301Page - Motorola, Inc MPXM2010D Datasheet HTML 302Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 670 page
background image
MPXC2011DT1 MPXC2012DT1
3–152
Motorola Sensor Device Data
www.motorola.com/semiconductors
ORDERING INFORMATION
The MPXC2011DT1/MPXC2012DT1 silicon pressure sensors are available in tape and reel.
Device Type/Order No.
Case No.
Device Description
Marking
MPXC2011DT1
423A
Chip Pak, 1/3 Gel
Date Code, Lot ID
MPXC2012DT1
423A
Chip Pak, No Gel
Date Code, Lot ID
Packaging Information
Reel Size
Tape Width
Quantity
Tape and Reel
330 mm
24 mm
1000 pc/reel
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com