Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 323 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 323 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 319Page - Motorola, Inc MPX2102DP Datasheet HTML 320Page - Motorola, Inc MPX2102DP Datasheet HTML 321Page - Motorola, Inc MPX2102DP Datasheet HTML 322Page - Motorola, Inc MPX2102DP Datasheet HTML 323Page - Motorola, Inc MPX2102DP Datasheet HTML 324Page - Motorola, Inc MPX2102DP Datasheet HTML 325Page - Motorola, Inc MPX2102DP Datasheet HTML 326Page - Motorola, Inc MPX2102DP Datasheet HTML 327Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 670 page
background image
MPXV4115V SERIES
3–177
Motorola Sensor Device Data
www.motorola.com/semiconductors
ORDERING INFORMATION
The MPXV4115V series pressure sensors are available in the basic element package or with a pressure port. Two packing
options are also offered.
Device Type
Case No
Packing Options
Device Marking
Device Type
Case No.
Packing Options
Device Marking
MPXV4115V6U
482
Rails
MPXV4115V
MPXV4115V6T1
482
Tape and Reel
MPXV4115V
MPXV4115VC6U
482A
Rails
MPXV4115V
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must
be the correct size to ensure proper solder connection inter-
face between the board and the package. With the correct
fottprint, the packages will self align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and short-
ing between solder pads.
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
Figure 5. SOP Footprint (Case 482)
inch
mm
SCALE 2:1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com