Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 341 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 341 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 337Page - Motorola, Inc MPX2102DP Datasheet HTML 338Page - Motorola, Inc MPX2102DP Datasheet HTML 339Page - Motorola, Inc MPX2102DP Datasheet HTML 340Page - Motorola, Inc MPX2102DP Datasheet HTML 341Page - Motorola, Inc MPX2102DP Datasheet HTML 342Page - Motorola, Inc MPX2102DP Datasheet HTML 343Page - Motorola, Inc MPX2102DP Datasheet HTML 344Page - Motorola, Inc MPX2102DP Datasheet HTML 345Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 670 page
background image
3–195
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN936
Mounting Techniques, Lead Forming and
Testing of Motorola's MPX Series Pressure Sensors
Prepared by: Randy Frank
Motorola Inc., Semiconductor Products Sector
Phoenix, Arizona
INTRODUCTION
Motorola’s MPX series pressure sensors are silicon
piezoresistive strain–gauges offered in a chip–carrier
package (see Figure 1). The exclusive chip–carrier package
was developed to realize the advantages of high–speed,
automated assembly and testing. In addition to high volume
availability and low cost, the chip–carrier package offers users
a number of packaging options. This Application Note
describes several mounting techniques, offers lead forming
recommendations, and suggests means of testing the MPX
series of pressure sensors.
Figure 1. MPX Pressure Sensor In Chip Carrier
Package Shown with Port Options
DIFFERENTIAL
PORT OPTION
CASE 344C–01
Figure 2. Chip Carrier and Available Ported Packages
BASIC ELEMENT
CASE 344–15
SUFFIX A / D
GAUGE PORT
CASE 344B–01
SUFFIX AP / GP
GAUGE VACUUM PORT
CASE 344D–01
SUFFIX GVP
DUAL PORT
CASE 344C–01
SUFFIX DP
AXIAL PORT
CASE 344F–01
SUFFIX ASX / GSX
AXIAL VACUUM PORT
CASE 344G–01
SUFFIX GVSX
STOVEPIPE PORT
CASE 344A–01
SUFFIX GVS
STOVEPIPE VACUUM PORT
CASE 344E–01
SUFFIX AS/GS
BASIC ELEMENT
CASE 867–08
SUFFIX A / D
GAUGE PORT
CASE 867B–04
SUFFIX AP / GP
GAUGE VACUUM PORT
CASE 867D–04
SUFFIX GVP
DUAL PORT
CASE 867C–05
SUFFIX DP
AXIAL PORT
CASE 867F–03
SUFFIX ASX / GSX
AXIAL VACUUM PORT
CASE 867G–03
SUFFIX GVSX
STOVEPIPE PORT
CASE 867E–03
SUFFIX AS / GS
STOVEPIPE VACUUM PORT
CASE 867A–04
SUFFIX GVS
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com