Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 361 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 361 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 357Page - Motorola, Inc MPX2102DP Datasheet HTML 358Page - Motorola, Inc MPX2102DP Datasheet HTML 359Page - Motorola, Inc MPX2102DP Datasheet HTML 360Page - Motorola, Inc MPX2102DP Datasheet HTML 361Page - Motorola, Inc MPX2102DP Datasheet HTML 362Page - Motorola, Inc MPX2102DP Datasheet HTML 363Page - Motorola, Inc MPX2102DP Datasheet HTML 364Page - Motorola, Inc MPX2102DP Datasheet HTML 365Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 670 page
background image
AN1304
3–215
Motorola Sensor Device Data
www.motorola.com/semiconductors
EVALUATION BOARD DESCRIPTION
A summary of the information required to use evaluation
board number DEVB129 is presented as follows. A discussion
of
the
design
appears
under
the
heading
Design
Considerations.
FUNCTION
The evaluation board shown in Figure 1 is designed to
provide a 100 kPa full scale pressure measurement. It has two
input ports. P1, the pressure port is on the top side of the
MPX5100 sensor, and P2, a vacuum port, is on the bottom
side. These ports can be supplied up to 100 kPa (15 psi)* of
pressure on P1 or up to 100 kPa of vacuum on P2, or a
differential pressure up to 100 kPa between P1 and P2. Any
of these sources will produce the same output.
The primary output is a 10 segment LED bar graph, which
is labeled in increments of 10 kPa. If full scale pressure is
adjusted for a value other than 100 kPa the bar graph may be
read as a percent of full scale. An analog output is also
provided. It nominally supplies 0.5 volts at zero pressure and
4.5 volts at 100 kPa. Zero and full scale adjustments are made
with potentiometers so labeled at the bottom of the board.
Both adjustments are independent of each other.
ELECTRICAL CHARACTERISTICS
The following electrical characteristics are included to
describe
evaluation
board
operation.
They
are
not
specifications in the usual sense and are intended only as a
guide to operation.
Characteristic
Symbol
Min
Typ
Max
Units
Power Supply Voltage
B+
6.8
—
13.2
Volts
Full Scale Pressure
PFS
—
—
100
kPa
Overpressure
PMAX
—
—
700
kPa
Analog Full Scale
VFS
—
4.5
—
Volts
Analog Zero Pressure
Offset
VOFF
—
0.5
—
Volts
Analog Sensitivity
SAOUT
—
40
—
mV/kPa
Quiescent Current
ICC
—
20
—
mA
Full Scale Current
IFS
—
140
—
mA
CONTENT
Board contents are described in the following parts list,
schematic, and silk screen plot. A pin by pin circuit description
follows in the next section.
PIN–BY–PIN DESCRIPTION
B+:
Input power is supplied at the B+ terminal. Minimum input
voltage is 6.8 volts and maximum is 13.2 volts. The upper limit
is based upon power dissipation in the LM3914 assuming all
10 LED’s are lit and ambient temperature is 25
°C. The board
will survive input transients up to 25 volts provided that power
dissipation in the LM3914 does not exceed 1.3 watts.
OUT:
An analog output is supplied at the OUT terminal. The signal
it provides is nominally 0.5 volts at zero pressure and 4.5 volts
at 100 kPa. This output is capable of sourcing 100
µA at full
scale output.
GND:
There are two ground connections. The ground terminal on
the left side of the board is intended for use as the power
supply return. On the right side of the board, one of the test
point terminals is also connected to ground. It provides a
convenient place to connect instrumentation grounds.
TP1:
Test point 1 is connected to the zero pressure reference
voltage and can be used for zero pressure calibration. To
calibrate for zero pressure, this voltage is adjusted with R6 to
match the zero pressure voltage that is measured at the
analog output (OUT) terminal.
TP2:
Test point 2 performs a similar function at full scale. It is
connected to the LM3914’s reference voltage which sets the
trip point for the uppermost LED segment. This voltage is
adjusted via R5 to set full scale pressure.
P1, P2:
Pressure and Vacuum ports P1 & P2 protrude from the
MPX5100 sensor on the right side of the board. Pressure port
P1 is on the top and vacuum port P2 is on the bottom. Neither
is labeled. Either one or a differential pressure applied to both
can be used to obtain full scale readings up to 100 kPa (15 psi).
Maximum safe pressure is 700 kPa.
* 100 kPa = 14.7 psi, 15 psi is used throughout the text for convenience
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com