Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 380 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 380 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 376Page - Motorola, Inc MPX2102DP Datasheet HTML 377Page - Motorola, Inc MPX2102DP Datasheet HTML 378Page - Motorola, Inc MPX2102DP Datasheet HTML 379Page - Motorola, Inc MPX2102DP Datasheet HTML 380Page - Motorola, Inc MPX2102DP Datasheet HTML 381Page - Motorola, Inc MPX2102DP Datasheet HTML 382Page - Motorola, Inc MPX2102DP Datasheet HTML 383Page - Motorola, Inc MPX2102DP Datasheet HTML 384Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 670 page
background image
AN1305
3–234
Motorola Sensor Device Data
www.motorola.com/semiconductors
SYMBOL TABLE
LABEL
VALUE
LABEL
VALUE
LABEL
VALUE
LABEL
VALUE
IRQ
0813 | SCI
0816 | TIMERCAP
0814 | TIMERCMP
089B
TIMEROV
0815 | __LDIV
0A5E | __LongIX
0066 | __MUL
0000
__MUL16x16
0A3F | __RDIV
0A8F | __RESET
1FFE | __STARTUP
0000
__STOP
0000 | __SWI
0812 | __WAIT
0000 | __longAC
0057
acnthi
001A | acntlo
001B | adcnt
005B | addata
0008
adstat
0009 | adzero
08A4 | arg
0069 | atodtemp
0055
b
0000 | bothbytes
0002 | cvt_bin_dec
08FE | ddra
0004
ddrb
0005 | ddrc
0006 | dectable
080A | delay
0817
digit
0050 | display_psi
09C9 | eeclk
0007 | fixcompare
0880
hi
0000 | i
005E | icaphi1
0014 | icaphi2
001C
icaplo1
0015 | icaplo2
001D | initio
08CE | isboth
0002
j
0060 | k
0062 | l
0000 | lcdtab
0800
lo
0001 | main
0A37 | misc
000C | ocmphi1
0016
ocmphi2
001E | ocmplo1
0017 | ocmplo2
001F | plma
000A
plmb
000B | porta
0000 | portb
0001 | portc
0002
portd
0003 | q
0063 | read_a2d
0837 | scibaud
000D
scicntl1
000E | scicntl2
000F | scidata
0011 | scistat
0010
slope
0059 | tcnthi
0018 | tcntlo
0019 | tcr
0012
tsr
0013 | xdcr_offset
005C |
MEMORY USAGE MAP (’X’ = Used, ’–’ = Unused)
0100 : –––––––––––––––– –––––––––––––––– –––––––––––––––– ––––––––––––––––
0140 : –––––––––––––––– –––––––––––––––– –––––––––––––––– ––––––––––––––––
0180 : –––––––––––––––– –––––––––––––––– –––––––––––––––– ––––––––––––––––
01C0 : –––––––––––––––– –––––––––––––––– –––––––––––––––– ––––––––––––––X–
0800 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0840 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0880 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
08C0 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0900 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0940 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0980 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
09C0 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0A00 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0A40 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0A80 : XXXXXXXXXXXXXXXX XXXXX––––––––––– –––––––––––––––– ––––––––––––––––
0AC0 : –––––––––––––––– –––––––––––––––– –––––––––––––––– ––––––––––––––––
1F00 : –––––––––––––––– –––––––––––––––– –––––––––––––––– ––––––––––––––––
1F40 : –––––––––––––––– –––––––––––––––– –––––––––––––––– ––––––––––––––––
1F80 : –––––––––––––––– –––––––––––––––– –––––––––––––––– ––––––––––––––––
1FC0 : –––––––––––––––– –––––––––––––––– –––––––––––––––– ––XXXXXXXXXXXXXX
All other memory blocks unused.
Errors
:
0
Warnings
:
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com