Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 417 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 417 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 413Page - Motorola, Inc MPX2102DP Datasheet HTML 414Page - Motorola, Inc MPX2102DP Datasheet HTML 415Page - Motorola, Inc MPX2102DP Datasheet HTML 416Page - Motorola, Inc MPX2102DP Datasheet HTML 417Page - Motorola, Inc MPX2102DP Datasheet HTML 418Page - Motorola, Inc MPX2102DP Datasheet HTML 419Page - Motorola, Inc MPX2102DP Datasheet HTML 420Page - Motorola, Inc MPX2102DP Datasheet HTML 421Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 670 page
background image
AN1318
3–271
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 3. Precision Instrument Amplifier Interface
B+
C1
1
µF
2
3
4
1
XDCR1
MPX2000 SERIES
PRESSURE SENSOR
OUTPUT
NC
NC
OUT
TRM
NC
VIN
VT
GND
U1
1
2
3
4
8
7
6
5
MC1404
6
3
5
4
+
–
7
1
2
3
+
–
5
6
7
R4
1 k 1%
MC34072
U2B
R2
10 k 1%
R1
6.04 k 1%
8
U2A
C3
0.01
µF
U1
MC34072
R3
19.1 k 1%
C2
0.1
µF
LTC1100CN8
+
–
1
4
Figure 4. Sensor Specific Interface Circuit
B+
GND
C1
1
µF
C2
0.1
µF
U2
MC78L08ACP
U1A
MC33274
I
G
O
3
12
13
14
8
U1B
MC33274
R5
120*
3
2
4
1
R4 1 k
U1C
MC33274
10
9
6
5
7
2
3
4
1
XDCR1
MPX2000 SERIES
PRESSURE
SENSOR
OUTPUT
11
2
R6 7.5 k
+
–
+
–
+
–
–
+
* NOTE: FOR MPX2010, R5 = 75 OHMS
U1D
MC33274
R3
820
R1 2 k
R2 2 k
R9
200
ZERO
CAL.
R8
1.5 k
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com