Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 493 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 493 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 489Page - Motorola, Inc MPX2102DP Datasheet HTML 490Page - Motorola, Inc MPX2102DP Datasheet HTML 491Page - Motorola, Inc MPX2102DP Datasheet HTML 492Page - Motorola, Inc MPX2102DP Datasheet HTML 493Page - Motorola, Inc MPX2102DP Datasheet HTML 494Page - Motorola, Inc MPX2102DP Datasheet HTML 495Page - Motorola, Inc MPX2102DP Datasheet HTML 496Page - Motorola, Inc MPX2102DP Datasheet HTML 497Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 670 page
background image
AN1556
3–347
Motorola Sensor Device Data
www.motorola.com/semiconductors
THE EXAMPLE CIRCUIT
Referring to Figure 1, both pressure sensors are interfaced
to the same amplifier circuit topology. In Tables 1 and 2, the
relevant characteristics for the MPX10 and MPX2010 show
the
device–to–device
and
temperature
variations.
Additionally, the tolerances on the voltage regulator and the
resistors that establish the gain and dc voltage level shift
(VREF) are considered in the methodology. The voltage
regulator’s device–to–device tolerance is
±5%, and each
resistor’s tolerance is
±1%.
–
+
–
+
Vin
5 V REG. (
±5%)
IN
OUT
GND
VS
RREF1
S–
S+
X1
MPX10 OR MPX2010
R1
R2
R3
R4
U1
U1
LM33272
VO TO A/D
RREF2
VREF
Figure 1. MPX10/MPX2010 Circuit Schematic
Table 1. MPX10 Variation Characteristics
Characteristic (VS = 5.0 V)
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
0
—
10
kPa
Full–Scale Span
VFSS
33
58
83
mV
Zero Pressure Offset
Voff
0
33
58
mV
Temperature Coefficient of Full–Scale Span (see Note 1)
TCVFSS
– 0.22
– 0.19
– 0.16
%/
°C
Temperature Coefficient of Offset (see Note 2)
TCVoff
—
±15
—
µV/°C
Note 1: Slope of end–point straight line fit to full–scale span at – 40
°C and +125°C relative to 25°C
Note 2: Slope of end–point straight line fit to zero pressure offset at – 40
°C and +125°C relative to 25°C
Table 2. MPX2010 Variation Characteristics
Characteristic (VS = 5.0 V)
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
0
—
10
kPa
Full–Scale Span
VFSS
12
12.5
13
mV
Zero Pressure Offset
Voff
– 0.5
—
0.5
mV
Temperature Effect on Full–Scale Span (see Note 1)
TCVFSS
– 1.0
—
1.0
%FSS
Temperature Effect on Offset (see Note 2)
TCVoff
– 0.5
—
0.5
mV
Note 1: Maximum change in full–scale span at 0
°C and 85°C relative to 25°C
Note 2: Maximum change in offset at 0
°C and 85°C relative to 25°C
The amplifier topology used is a two–operational amplifier
gain stage that has all the desirable characteristics of a
differential–signal instrumentation amplifier:
• high input impedance
• low output impedance
• differential to single–ended conversion of the input signal
• high gain capability
• dc level shifting capability
For good common mode rejection, the following resistor
ratios are used:
R4
R3
+
R1
R2
With this simplification, the transfer function of the amplifier
is
VO + (
R4
R3
) 1
) (S) –S–) ) V
REF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com