Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 503 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 503 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 499Page - Motorola, Inc MPX2102DP Datasheet HTML 500Page - Motorola, Inc MPX2102DP Datasheet HTML 501Page - Motorola, Inc MPX2102DP Datasheet HTML 502Page - Motorola, Inc MPX2102DP Datasheet HTML 503Page - Motorola, Inc MPX2102DP Datasheet HTML 504Page - Motorola, Inc MPX2102DP Datasheet HTML 505Page - Motorola, Inc MPX2102DP Datasheet HTML 506Page - Motorola, Inc MPX2102DP Datasheet HTML 507Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 670 page
background image
AN1571
3–357
Motorola Sensor Device Data
www.motorola.com/semiconductors
The oscillation signal varies from person to person. In
general, it varies from less than 1 mmHg to 3 mmHg. From the
transfer function of MPXV5050GP, this will translate to a
voltage output of 12 mV to 36 mV signal. Since the filter gives
an attenuation of 10 dB to the 1 Hz signal, the oscillation signal
becomes 3.8 mV to 11.4 mV respectively. Experiments
indicate that, the amplification factor of the amplifier is chosen
to be 150 so that the amplified oscillation signal is within the
output limit of the amplifier (5 mV to 3.5 V). Figure 3(a) shows
the output from the pressure sensor and Figure 3(b) shows the
extracted oscillation signal at the output of the amplifier.
Figure 3. CP signal at the output of the pressure sensor
Oscillation signal is extracted here
3
2.5
2
1.5
1
0.5
0
0
5
10
15
20
25
30
35
40
Time (seconds)
3
2.5
2
1.5
1
0.5
0
10
15
20
25
30
35
Time (seconds)
MAP
DBP
SBP
3.5
Figure 3b. Extracted oscillation signal at the output of amplifier
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com