Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 562 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 562 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 558Page - Motorola, Inc MPX2102DP Datasheet HTML 559Page - Motorola, Inc MPX2102DP Datasheet HTML 560Page - Motorola, Inc MPX2102DP Datasheet HTML 561Page - Motorola, Inc MPX2102DP Datasheet HTML 562Page - Motorola, Inc MPX2102DP Datasheet HTML 563Page - Motorola, Inc MPX2102DP Datasheet HTML 564Page - Motorola, Inc MPX2102DP Datasheet HTML 565Page - Motorola, Inc MPX2102DP Datasheet HTML 566Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 670 page
background image
AN4007
3–416
Motorola Sensor Device Data
www.motorola.com/semiconductors
TRANSFER FUNCTION
The behavior of an IPS is defined by a linear transfer
function.
This transfer function applies to all Motorola’s
Integrated Pressure Sensors whatever the pressure range
and type of sensing element (absolute or differential).
Vout + VS
(P
K1
) K2)
" (PE
TM
V
S
K1)
• Vout : Sensor output voltage
• P: Applied pressure in kPa
• Vs: Sensor supply voltage in V
• K1: Sensitivity constant in V/V/kPa
• K2: Offset Constant inV/V
• PE: Pressure error in kPa
• TM: Temperature multiplier
The constants, K1, K2, PE & TM are specific to each device,
temperature and pressure encountered in the application.
The variables P and Vs are dependent on the user
application but must remain within the operating specification
of the device.
THE MPXV6115VC6U INTEGRATED
PRESSURE SENSOR
The Motorola MPXV6115VC6U gauge vacuum sensor,
designed to measure pressure below the atmospheric
pressure, is suitable for automotive application such as
vacuum pump or brake booster monitoring. The MXPV4115V
is also ideal for non–automotive applications where vacuum
control is required.
The
MPXV6115VC6U
has
the
following
basic
characteristics (Note: Detailed characteristics of Motorola’s
pressure
sensors
can
be
found
on
http://www.motorola.com/semiconductors).
MPXV6115VC6U CHARACTERISTICS
Vout + VS
(P
0.007652
) 0.92)
" (PE
TM
V
S
0.007652)
Figure 6. MPXV6115VC6U Transfer Function
TRANSFER FUNCTION:
Vout = 2.30 V @ P = –60 kPa
Vout = VS ([0.007652 *P] + 0.92)
–120
–100
–80
–60
–20
0
0
1
2
3
4
5
VACUUM in kPa (below atmospheric pressure)
20
–40
VACUUM
• P is the applied vacuum to the sensor pressure port.
Pressures below atmospheric pressure have a negative
sign. For example, 50 kPa below atmospheric is P = –50
in the transfer function. For pressure higher than the
atmospheric pressure, the device will electrically satu-
rate. The sensor is designed to measure vacuum from 0
kPa (Atmospheric pressure applied to the sensor pres-
sure port) down to – 115kPa.
Since the MPXV6115VC6U is using the atmospheric
pressure as reference, –115 kPa can only be reached if the
atmospheric pressure is higher or equal than 115 kPa. The
device will electrically saturate for vacuum below –115 kPa.
• PE = 1.725 kPa (1.5% of full scale span) over the entire
pressure range
• TM = 1 between 0 and +85_C, 3 at –40_C and +125_C.
TM is a linear response from –40
_ to 0_C and from 85_
to 125
_C.
The real intent for the pressure–sensor user is to know the
measured pressure. In this case it is preferable to express the
transfer function as:
P
+ (V
out VS * 0.92) 0.007652 " (PE
TM)
As an example, if Vout = 2.30 V for a 5 Vdc power supply and
at 25
_C ambient temperature, the measured vacuum is P =
–60.1 kPa
" 1.725 kPa.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com