Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 579 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 579 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 575Page - Motorola, Inc MPX2102DP Datasheet HTML 576Page - Motorola, Inc MPX2102DP Datasheet HTML 577Page - Motorola, Inc MPX2102DP Datasheet HTML 578Page - Motorola, Inc MPX2102DP Datasheet HTML 579Page - Motorola, Inc MPX2102DP Datasheet HTML 580Page - Motorola, Inc MPX2102DP Datasheet HTML 581Page - Motorola, Inc MPX2102DP Datasheet HTML 582Page - Motorola, Inc MPX2102DP Datasheet HTML 583Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 670 page
background image
3–433
Motorola Sensor Device Data
www.motorola.com/semiconductors
PACKAGE OUTLINE DIMENSIONS (continued)
CASE 1317A–01
ISSUE A
0.025
0.130
0.050
A
M
0.004
B
C
0.390
0.325
A
B
C
NOTES:
1. ALL DIMENSIONS ARE IN INCHES.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M–1994.
3. DIMENSIONS DO NOT INCLUDE MOLD FLASH OR
PROTRUSIONS. MOLD FLASH OR PROTRUSIONS
SHALL NOT EXCEED .006 INCHES PER SIDE.
4. ALL VERTICAL SURFACES TO BE 5
° MAXIMUM.
5. DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE .008 INCHES MAXIMUM.
0.004
A
0.006
B
C
GAGE
PLANE
DETAIL E
0.048
0.010
.014
8X 0.014
2X
DETAIL E
SEATING
PLANE
0.018
0.345
0.325
0.345
0.400
0.420
5
0.110
0.370
0.002
0.038
°
10
0
°
0.200
0.180
0.280
A
B
0.300
0.280
0.300
3
3
BOTTOM VIEW
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com