Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 607 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 607 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 603Page - Motorola, Inc MPX2102DP Datasheet HTML 604Page - Motorola, Inc MPX2102DP Datasheet HTML 605Page - Motorola, Inc MPX2102DP Datasheet HTML 606Page - Motorola, Inc MPX2102DP Datasheet HTML 607Page - Motorola, Inc MPX2102DP Datasheet HTML 608Page - Motorola, Inc MPX2102DP Datasheet HTML 609Page - Motorola, Inc MPX2102DP Datasheet HTML 610Page - Motorola, Inc MPX2102DP Datasheet HTML 611Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 607 / 670 page
background image
4–15
Motorola Sensor Device Data
www.motorola.com/semiconductors
CMOS
Micro-Power Comparator plus
Voltage Follower
The MC14578 is an analog building block consisting of a very–high input
impedance comparator. The voltage follower allows monitoring the noninverting
input of the comparator without loading.
Four enhancement–mode MOSFETs are also included on chip. These FETs can
be externally configured as open–drain or totem–pole outputs. The drains have
on–chip static–protecting diodes. Therefore, the output voltage must be main-
tained between VSS and VDD.
The chip requires one external component. A 3.9 M
Ω "10% resistor must be
connected from the Rbias pin to VDD. This circuit is designed to operate in smoke
detector systems that comply with UL217 and UL268 specifications.
• Applications:
Pulse Shapers
Line–Powered Smoke Detectors
Threshold Detectors
Liquid/Moisture Sensors
Low–Battery Detectors
CO Detector and Micro Interface
• Operating Voltage Range: 3.5 to 14 V
• Operating Temperature Range: *30° to 70°C
• Input Current (IN + Pin): "1 pA @ 25°C (DIP Only)
• Quiescent Current: 10 µA @ 25°C
• Electrostatic Discharge (ESD) Protection Circuitry on All Pins
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC14578
P SUFFIX
PLASTIC DIP
CASE 648–08
PIN ASSIGNMENT
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COMP OUT
IN A
IN B
VDD
OUT B
IN C
OUT C1
NC
IN +
NC
BUFF OUT
IN—
Rbias
VSS
OUT C2
ORDERING INFORMATION
MC14578P
PLASTIC DIP
1
16
OUT A
LOGIC DETAIL
2
+
–
COMP
BIAS
CKT
+
–
BUFF
COMP OUT
13
BUFF OUT
15
IN+
12
IN
*
11
Rbias
IN A
IN B
3
4
5
6
OUT A
OUT B
9
8
OUT C2
OUT C1
7
IN C
PIN 1 = VDD
PIN 10 = VSS
PINS 14, 16 = NO CONNECTION
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com