Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 661 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 661 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 657Page - Motorola, Inc MPX2102DP Datasheet HTML 658Page - Motorola, Inc MPX2102DP Datasheet HTML 659Page - Motorola, Inc MPX2102DP Datasheet HTML 660Page - Motorola, Inc MPX2102DP Datasheet HTML 661Page - Motorola, Inc MPX2102DP Datasheet HTML 662Page - Motorola, Inc MPX2102DP Datasheet HTML 663Page - Motorola, Inc MPX2102DP Datasheet HTML 664Page - Motorola, Inc MPX2102DP Datasheet HTML 665Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 670 page
background image
AN1690
4–69
Motorola Sensor Device Data
www.motorola.com/semiconductors
Motorola’s pressure sensors can also provide the input to
the MC14600. The MPX5000 series includes a wide variety of
compensated and integrated pressure sensors with different
pressure ranges, packaging and measurement options. One
possible sensor is the MPXV5010. The output of the
MPXV5010 can be fed directly into the input of the MC14600
(pin 15). If the latch described above is used with a pressure
sensor resistors may be required at the output of the
MPXV5010 to scale the output voltage (See Figure 8). This is
because the output voltage for pressure sensors in the
MPX5000 series under no pressure is 0.2 V, which may be be-
low the lowered alarm threshold. (See previous section.)
Figure 8. Pressure Detection Circuit
VDD
OUTPUT TO
PIN 15 (ALARM
DETECT INPUT)
MPXV5010
CONCLUSION
The MC14600 offers a simple solution for use in a wide vari-
ety of alarm applications. With a high impedance input pin it
can be connected to many types of sensor devices. For sen-
sor inputs that require a latched alarm condition there are sev-
eral simple ways to add this option to the MC14600. It has the
feature of not having a predetermined alarm threshold which
gives it the flexibility of being set to any level as required by the
application. The MC14600 has an internal horn driver that can
drive a three leaded piezo horn with the addition of two resis-
tors and one capacitor. The MC14600 integrates the features
desired in alarm devices into a small and simple package that
is still flexible enough for all types of alarm applications.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com