Electronic Components Datasheet Search
  English  ▼

X  

MPX2102DP Datasheet(PDF) 247 Page - Motorola, Inc

Part # MPX2102DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102DP Datasheet(HTML) 247 Page - Motorola, Inc

Back Button MPX2102DP Datasheet HTML 243Page - Motorola, Inc MPX2102DP Datasheet HTML 244Page - Motorola, Inc MPX2102DP Datasheet HTML 245Page - Motorola, Inc MPX2102DP Datasheet HTML 246Page - Motorola, Inc MPX2102DP Datasheet HTML 247Page - Motorola, Inc MPX2102DP Datasheet HTML 248Page - Motorola, Inc MPX2102DP Datasheet HTML 249Page - Motorola, Inc MPX2102DP Datasheet HTML 250Page - Motorola, Inc MPX2102DP Datasheet HTML 251Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 670 page
background image
MPX5010 MPXV5010G SERIES
3–101
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluoro silicone gel
which protects the die from harsh media. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX5010D
867C
Stainless Steel Cap
MPX5010DP
867C
Side with Part Marking
MPX5010GP
867B
Side with Port Attached
MPX5010GS
867E
Side with Port Attached
MPX5010GSX
867F
Side with Port Attached
MPXV5010G6U
482
Stainless Steel Cap
MPXV5010G7U
482B
Stainless Steel Cap
MPXV5010GC6U/T1
482A
Side with Port Attached
MPXV5010GC7U
482C
Side with Port Attached
MPXV5010GP
1369
Side with Port Attached
MPXV5010DP
1351
Side with Part Marking
ORDERING INFORMATION — UNIBODY PACKAGE (MPX5010 SERIES)
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
867
MPX5010D
MPX5010D
Ported Elements
Differential, Dual Port
867C
MPX5010DP
MPX5010DP
Gauge
867B
MPX5010GP
MPX5010GP
Gauge, Axial
867E
MPX5010GS
MPX5010D
Gauge, Axial PC Mount
867F
MPX5010GSX
MPX5010D
ORDERING INFORMATION — SMALL OUTLINE PACKAGE (MPXV5010G SERIES)
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Elements
Gauge, Element Only, SMT
482
MPXV5010G6U
Rails
MPXV5010G
Gauge, Element Only, DIP
482B
MPXV5010G7U
Rails
MPXV5010G
Ported Elements
Gauge, Axial Port, SMT
482A
MPXV5010GC6U
Rails
MPXV5010G
Gauge, Axial Port, DIP
482C
MPXV5010GC7U
Rails
MPXV5010G
Gauge, Axial Port, SMT
482A
MPXV5010GC6T1
Tape and Reel
MPXV5010G
Gauge, Side Port, SMT
1369
MPXV5010GP
Trays
MPXV5010G
Differential, Dual Port, SMT
1351
MPXV5010DP
Trays
MPXV5010G
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com