Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 480 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 480 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 476Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 477Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 478Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 479Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 480Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 481Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 482Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 483Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 484Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 670 page
background image
AN1536
3–334
Motorola Sensor Device Data
www.motorola.com/semiconductors
write()
{
char i;
digit[1]=10;
if (digit[2]==0)
{digit[2]=10;}
if (
digit[2]==10 && digit[3]==0 )
{digit[3]=10;}
for ( i=1; i<5; ++i )
{
if (i==4)
write_spi((lcdtab[digit[i]])+0x80);
else
write_spi(lcdtab[digit[i]]);
}
write_spi (2);
/* this creates a start bit and data bit 1
for the next write to the mc145453
*/
}
write_spi( char a )
/* write a character to the spi port */
{
SPDR=a;
while ( ! ( SPSR & 0x80 ) ) {}
/* loop until the spif = 1 */
}
/* ################################################################### */
/*
This function is called at power–up and will determine the operation
of the system. The user must complete the system configuration prior
to setting the jumper in the first or last two configurations in the
table or erroneous operation is guaranteed!
test/operation jumper configuration:
J3
J2
J1
1 = jumper removed
1
1
1
display speed in mph
1
1
0
reserved
1
0
1
30 psi xdcr installed
1
0
0
15 psi xdcr installed
0
1
1
full scale calibrate
0
1
0
zero calibrate
0
0
1
display pressure in psi
0
0
0
display speed in mph
*/
setconfig()
{
char i;
for ( i=0; i<125; ++i )
delay();
/* to let the charge pump come to life wll */
i = PORTC & 0x07;
/* and off the unused bits */
if ( i == 7 )
display_speed();
if ( i == 6 )
setup_error();
/* non–valid pattern output –SE– on display*/
if ( i == 5 )
{write_eeprom(30,&XDCRMAX); /* xdcr is 30 psi */
display(30);
}
if ( i == 4 )
{write_eeprom(15,&XDCRMAX); /* xdcr is 15 psi */
display(15);
}
if ( i == 3 )
fullscale_calibrate();
if ( i == 2 )
zero_calibrate();
if ( i == 1 )
display_pressure();
else
display_speed();
}
/* ################################################################### */
display(char d)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com