Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 508 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 508 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 504Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 505Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 506Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 507Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 508Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 509Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 510Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 511Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 512Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 670 page
background image
AN1571
3–362
Motorola Sensor Device Data
www.motorola.com/semiconductors
SELECTION OF MICROCONTROLLER
Although the microcontroller used in this project is
MC68HC05B16, a smaller ROM version microcontroller can
also be used. The table below shows the requirement of
microcontroller for this blood pressure meter design in this
project.
Table 1. Selection of microcontroller
On–chip ROM space 2 kilobytes
On–chip RAM space 150 bytes
2–channel A/D converter (min.)
16–bit free running counter timer
LCD driver
On–chip EEPROM space 32 bytes
Power saving Stop and Wait modes
CONCLUSION
This circuit design concept may be used to evaluate
Motorola pressure sensors used in the digital blood pressure
meter. This basic circuit may be easily modified to provide
suitable output signal level. The software may also be easily
modified to provide better analysis of the SBP and DBP of a
person.
REFERENCES
Lucas, Bill (1991). “An Evaluation System for Direct Interface
of the MPX5100 Pressure Sensor with a Microprocessor,”
Motorola Application Note AN1305.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com