Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 515 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 515 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 511Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 512Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 513Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 514Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 515Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 516Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 517Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 518Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 519Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 670 page
background image
AN1586
3–369
Motorola Sensor Device Data
www.motorola.com/semiconductors
After the discussion of the circuit components, the following
system–related issues will be discussed simultaneously using
the design example:
• How the system works
• Defining and designing the digital output for a desired sig-
nal resolution
• A step–by–step procedure that shows you how to digitize
the signal
• A procedure to show you how to software calibrate the digi-
tal output
• Related software examples
This system, in addition to the benefits of a digital output
(noise immunity, etc.), also has the following additional
inherent benefits. These benefits will be addressed in more
detail in the systems topics.
• The circuit topology and method of “digitizing” the sensor’s
analog output is very stable and accurate. The system uses
the microcontroller’s precise, internal, digital time base to
digitize the analog signal.
• The signal resolution is user–programmable via software
— i.e. the user can program whether the resolution is 8–bit,
10–bit, etc.
• The digital output is calibrated in software so that compo-
nent tolerances can be nullified.
• The software required to digitize the signal requires very
little CPU time and overhead.
• The required circuitry is minimal, simple, and cost–effec-
tive.
THE PRESSURE SENSOR
Motorola’s MPX2000 series sensors are temperature
compensated and calibrated (i.e. offset and span are
precision trimmed) pressure transducers. These sensors are
available in full scale pressure ranges from 10 kPa (1.5 psi) to
700 kPa (100 psi). Although the specifications (see Table 1)
in the data sheets apply to a 10 V supply voltage, the output
of these devices is ratiometric with the supply voltage. For
example, at the absolute maximum supply voltage rating,
16 V, the sensor will typically produce a differential output
voltage of 64 mV at the rated full scale pressure of the given
sensor. One exception to this is that the span of the MPX2010
(10 kPa sensor) will be only 40 mV due to the device’s slightly
lower sensitivity. Since the maximum supply voltage produces
the largest output signal, it is evident that even the best case
scenario will require some signal conditioning to obtain a
usable signal (input to an A/D, etc.). For this specific design,
an MPX2100 and 5.0 V supply are used, yielding a typical
maximum sensor output of 20 mV (typical zero pressure offset
is 0.0 mV and typical span is 20 mV). The sensor’s output is
then signal conditioned (amplified and level shifted) to provide
a four volt span with a zero pressure offset of 0.5 V.
Table 1. MPX2100 Electrical Characteristics for
VS = 10 V, TA = 25°C
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
Pop
0
100
kPa
Supply Voltage
VS
10
16
Vdc
Full Scale Span
VFSS
38.5
40
41.5
mV
Zero Pressure Off-
set
Voff
–1.0
1.0
mV
Sensitivity
∆V/∆P
0.4
mV/kPa
Linearity
—
–0.25
0.25
%VFSS
Temperature Effect
on Span
TCVFSS –1.0
1.0
%VFSS
Temperature Effect
on Offset
TCVoff
–1.0
1.0
mV
AMPLIFIER STAGE
The amplifier circuitry, shown in Figure 1. , is composed of
two op amps. This interface circuit has a much lower
component
count
than
conventional
quad
op
amp
instrumentation amplifiers. The two op amp design offers the
high input impedance, low output impedance, and high gain
desired for a transducer interface, while performing a
differential to single–ended conversion. The amplifier
incorporates level shifting capability. The amplifier has the
following transfer function:
Vo + 1 )
R4
R3
• (Vsensor) + V + shift
where R1 = R4, R2 = R3, the gain is 1
) R4
R3
, Vsensor is the
sensor’s differential output (S+ – S–), and V+shift is the
positive dc level shift voltage created by the resistor divider
comprised of R+shift1 and R+shift2. V+shift is used to position
the zero pressure offset at the desired level.
Table 2 summarizes the 1% resistor values used to obtain
a four volt span with a zero pressure offset of 0.5 V (assuming
the typical sensor offset and span values of 0.0 mV and 20 mV,
respectively).
Table 2. Resistor Values for the MPX2100
Amplifier Design
R+shift1
R+shift2
R1
R2
R3
R4
4.99 k
Ω
549
Ω
20.0 k
Ω
100
Ω
100
Ω
20.0 k
Ω
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com