Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 528 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 528 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 524Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 525Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 526Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 527Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 528Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 529Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 530Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 531Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 532Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 670 page
background image
AN1646
3–382
Motorola Sensor Device Data
www.motorola.com/semiconductors
POWER SUPPLY
Since the sensor output is ratiometric with the supply volt-
age, any variation in supply voltage will also proportionally
appear at the output of the sensor. The integrated pressure
sensor is designed, characterized and trimmed to be powered
with a 5 V +/– 5% power supply which can supply the maxi-
mum 10 mA current requirement of the sensor. Powering the
integrated sensor at another voltage than specified is not rec-
ommended because the offset, temperature coefficient of off-
set (TCO) and temperature coefficient of span (TCS) trim will
be invalidated and will affect the sensor accuracy.
From a noise point of view, adequate de–coupling is impor-
tant. A 0.33
µF to 1.0 µF ceramic capacitor in parallel with a
0.01
µF ceramic capacitor works well for this purpose. Also,
with respect to noise, it is preferable to use a linear regulator
such as an MC78L05 rather than a relatively more noisy
switching power supply 5 volt output. An additional consider-
ation is that the power to the sensor and the A/D voltage refer-
ence should be tied to the same supply. Doing this takes
advantage of the sensor output ratiometricity. Since the A/D
resolution is also ratiometric to its reference voltage, varia-
tions in supply voltage will be canceled by the system.
LAYOUT OPTIMIZATION
In mixed analog and digital systems, layout is a critical part
of the total design. Often, getting a system to work properly
depends as much on layout as on the circuit design. The fol-
lowing discussion covers some general layout principles, digi-
tal section layout and analog section layout.
General Principles:
There are several general layout principles that are impor-
tant in mixed systems. They can be described as five rules:
Rule 1: Minimize Loop Areas. This is a general principle
that applies to both analog and digital circuits. Loops are
antennas. At noise sensitive inputs, the area enclosed by an
incoming signal path and its return is proportional to the
amount of noise picked up by the input. At digital output ports,
the amount of noise that is radiated is also proportional to
loop area.
Rule 2: Cancel fields by running equal currents that
flow in opposite directions as close as possible to each
other. If two equal currents flow in opposite directions, the
resulting electromagnetic fields will cancel as the two currents
are brought infinitely close together. In printed circuit board
layout, this situation can be approximated by running signals
and their returns along the same path but on different layers.
Field cancellation is not perfect due to the finite physical sepa-
ration, but is sufficient to warrant serious attention in critical
paths. Looked at from a different perspective, this is another
way of looking at Rule # 1, i.e., minimize loop areas.
Rule 3: On traces that carry high speed signals avoid 90
degree angles, including “T” connections. If you think of
high speed signals in terms of wavefronts moving down a
trace, the reason for avoiding 90 degree angles is simple. To
a high speed wavefront, a 90 degree angle is a discontinuity
that produces unwanted reflections. From a practical point of
view, 90 degree turns on a single trace are easy to avoid by
using two 45 degree angles or a curve. Where two traces
come together to form a “T” connection, adding some material
to cut across the right angles accomplishes the same thing.
Rule 4: Connect signal circuit grounds to power
grounds at only one point. The reason for this constraint is
that transient voltage drops along the power grounds can be
substantial, due to high values of di/dt flowing through finite in-
ductance. If signal processing circuit returns are connected to
power ground at multiple points, then these transients will
show up as return voltage differences at different points in the
signal processing circuitry. Since signal processing circuitry
seldom has the noise immunity to handle power ground tran-
sients, it is generally necessary to tie signal ground to power
ground at only one point.
Rule 5: Use ground planes selectively. Although ground
planes are highly beneficial when used with digital circuitry, in
the analog world they are better used selectively. A single
ground plane on an analog board puts parasitic capacitance
in places where it is not desired, such as at the inverting inputs
of op amps. Ground planes also limit efforts to take advantage
of field cancellation, since the return is distributed.
ANALOG LAYOUT
In analog systems, both minimizing loop areas and field
cancellation are useful design techniques. Field cancellation
is applicable to power and ground traces, where currents are
equal and opposite. Running these two traces directly over
each other provides field cancellation for unwanted noise, and
minimum loop area.
Figure 8 illustrates the difference between a power supply
de–coupling loop that has been routed correctly and one that
has not. In this figure, the circles represent pads, the sche-
matic symbols show the components that are connected to the
pads, and the routing layers are shown as dark lines (top
trace) or grey lines (bottom trace). Note that by routing the two
traces one over the other that the critical loop area is mini-
mized. In addition, it is important to keep de–coupling capaci-
tors close to active devices such as MPX5000–series sensors
and operational amplifiers. As a rule of thumb, when 50 mil
ground and Vcc traces are used, it is not advisable to have
more than 1 inch between a de–coupling capacitor and the
active device that it is intended to be de–coupled.
Figure 8. Minimizing Loop Areas
SENSOR
SENSOR
RECOMMENDED
AVOID
+5 V
GND
+5 V
GND
TOP TRACE
BOT TRACE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com