Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 539 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 539 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 535Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 536Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 537Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 538Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 539Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 540Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 541Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 542Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 543Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 670 page
background image
AN1668
3–393
Motorola Sensor Device Data
www.motorola.com/semiconductors
When designing a system based on the MPX2010, it is
important to take into account errors due to parametric varia-
tion of the sensor (i.e. offset calibration, span calibration, TcS,
TcO), power supply and the inherent errors of the amplification
circuit. The offset and span errors greatly determines the reso-
lution of the system (which adds to the system error). Even
though the system offset error can be nulled out by auto–zero-
ing, these errors must be accounted for when setting the sys-
tem gain (see AN1556 for more details). This forces the total
span of the system to be smaller, because we must reserve an
extra headroom from the total span to account for amplifier
and A/D variations (i.e. amp. sat. voltage, power supply varia-
tion, A/D quantization error, and gain errors ). If these errors
are not accounted for, it could, for example, result in non–
linearity errors if the sensor span or offset error causes the
amplified output of the sensor to reach the saturation voltage
of the amplifier.
As an example, a MPX2010 sensor system is designed
which has a range of 600 mmH2O FS range with a +/– 5 % FS
RMS error. The system uses a +5 V +/– 5% linear regulated
power supply, a MC33272 dual op–amp and a 1% resistors.
Table 3 shows the resulting specification and component
values for the system based on MPX2010 sensor.
Table 3. MPX2010 Sensor System Values
MPX2010 Sensor Design
Parameter
Description
Value
Units
Vcc
Reg Power Supply
5
V
Differential Gain
Gain
433
V/V
Vout_FS
Full Scale Span
3.02
V
Vref
Offset Reference
0.66
V
Parts List
U1A,U1B
MC33272 Op–amp
R1
Gain Resistor
39.2K
Ohms
R2
Gain Resistor
90.9
Ohms
R3
Gain Resistor
909
Ohms
R4
Gain Resistor
392K
Ohms
R + S1
Level Shift Resistor
1K
Ohms
R + S2
Level Shift Resistor
150
Ohms
X1
MPX2010
Table 4. Performance Comparison between MPX2010 and MPXV4006G Solution
MPX2010 Solution Error
(FS = 600 mmH2O)
MPXV4006G Solution Error
(FS = 612 mmH2O)
Error Contribution
+/– % FS
+/– mmH2O
+/– % FS
+/– mmH2O
Max Sensor Error
7.19
43
3.00
18
System Resolution (A/D + Amplification)
1.30
8
0.80
5
System Error (Sensor + A/D + Amplification)
7.3
44
3.10
19
System Error with Auto–Zero
4.6
28
t3
t19
Note that the error due to system resolution is higher for the
MPX2010 solution (+/– 2 bit A/D accuracy). This is because
the MPX2010 span is limited as discussed above. Also, this
accuracy assumes that the amplifier does not induce signifi-
cant errors. As noted MPXV4006G sensor has better overall
accuracy. The system resolution is very good because of its
large span (4.6 V versus 3.0 V typical).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com