Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 559 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 559 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 555Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 556Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 557Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 558Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 559Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 560Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 561Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 562Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 563Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 670 page
background image
3–413
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN4007
New Small Amplified Automotive
Vacuum Sensors
A Single Chip Sensor Solution
for Brake Booster Monitoring
Prepared by: Marc Osajda
Automotive Sensors Marketing
Sensor Products Division
Motorola Semiconductors S.A.
Toulouse France
BRAKING SYSTEMS
Different types of braking principles can be found in vehicles
depending on whether the brake system is only activated by
muscular energy or power assisted (partially or completely).
Muscular activated brakes are mostly found on motorcycles
and very light vehicles. The driver’s effort on the hand lever
or pedal is directly transmitted via a hydraulic link to the brake
pads.
Power assisted brakes are found on most passenger cars
and some light vehicle trucks. In this case, the driver’s effort
is amplified by a
brake booster to increase the force applied
to the brake pedal.
BRAKE BOOSTER OPERATION PRINCIPLE
The vacuum brake booster is a system using the differential
between atmospheric pressure and a lower pressure source
(vacuum) to assist the braking operation. The brake booster
is located between the brake pedal and the master cylinder.
Figure 1 shows a simplified schematic of a vacuum brake
booster.
When no brake pressure is applied on the push rod (brake
pedal side), the air intake valve is closed and the vacuum
valve open. Thus, both the vacuum and working chambers
are at the same pressure, typically around –70 kPa (70 kPa
below atmospheric pressure). Vacuum is generated by either
the engine intake manifold or by an auxiliary vacuum pump.
Figure 1. Brake Booster Simplified Schematic
CONNECTION TO VACUUM PUMP
OR ENGINE INTAKE MANIFOLD
PUSH ROD FROM
AIR INTAKE VALVE
WORKING CHAMBER
VACUUM CHAMBER
VACUUM VALVE
THE BRAKE PEDAL
PISTION
RUBBER MEMBRANE
PUSH ROD TO
MASTER CYLINDER
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com