Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 564 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 564 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 560Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 561Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 562Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 563Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 564Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 565Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 566Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 567Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 568Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 670 page
background image
3–418
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN4010
Low-Pressure Sensing Using
MPX2010 Series Pressure Sensors
Prepared by: Memo Romero and Raul Figueroa
Motorola Sensor Products Division
Systems and Applications Engineering
INTRODUCTION
This application note presents a design for a low pressure
evaluation board using Motorola MPX2010 series pressure
sensors. By providing large gain amplification and allowing for
package flexibility, this board is intended to serve as a
design-in tool for customers seeking to quickly evaluate this
family of pressure sensors.
The MPX2010 family of pressure sensors appeals to
customers needing to measure small gauge, vacuum, or
differential pressures at a low cost. However, different
applications present design–in challenges for these sensors.
For very low pressure sensing, large signal amplification is
required, with gains substantially larger than what is provided
in Motorola’s current integrated pressure sensor portfolio. In
terms of packaging, customers often need more mechanical
flexibility such as smaller size, dual porting or both. In many
cases, customers often lack the engineering resources, time
or expertise to evaluate the sensor.
The low-pressure
evaluation board, shown in Figure 1, facilitates the
design-in-process by providing large signal gain and by
providing for different package designs in a relatively small
footprint.
CIRCUIT DESCRIPTION
For adequate and stable signal gain and output flexibility, a
two–stage differential op-amp circuit with analog or switch
output is utilized, as shown in Figure 2. The four op-amps are
packaged in a single 14 pin quad package. There are several
features to note about the circuitry.
The first gain stage is accomplished by feeding both
pressure sensor outputs (VS– & VS+) into the non-inverting
inputs of operational amplifiers. These op-amps are used in
the standard non-inverting feedback configuration. With the
condition that Resistors R2=R3, and R1=R4 (as closely as
possible), this configuration results in a gain of G1= R4/R3+1.
The default gain is 101, but there are provisions for easily
changing this value. The signal V (op-amp Pin 7) is then
calculated as:
V1 = G1*(VS+ – VS–) + Voffset. ….Equation (1)
Figure 1. Low Pressure Evaluation Board
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com