Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 581 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 581 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 577Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 578Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 579Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 580Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 581Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 582Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 583Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 584Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 585Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 670 page
background image
3–435
Motorola Sensor Device Data
www.motorola.com/semiconductors
PACKAGE OUTLINE DIMENSIONS (continued)
CASE 1320A–02
ISSUE O
DIM
MIN
MAX
INCHES
A
.377
.397
A1
.002
.010
b
.014
.018
b1
.120
.130
D
.245
.255
E
.475
.485
e
e/2
L
.013
.023
E1
.325
.335
0
7
.025 BSC
.050 BSC
θ
°°
NOTES:
1. DIMENSIONS ARE IN INCHES.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M–1994.
3. DIMENSIONS ”D” AND ”E1” DO NOT INCLUDE
MOLD FLASH OR PROTRUSION. MOLD FLASH OR
PROTRUSION SHALL NOT EXCEED .006” PER
SIDE.
4. ALL VERTICAL SURFACES TO BE 5
° MAXIMUM.
5. DIMENSIONS ”b” DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE .008 MAXIMUM.
b1
E
e/2
e
A
M
0.004
B
C
A
0.006
B
C
4X
b
2X
A
M
0.004
B
C
E1
A
C
0.004
DETAIL E
SEATING
PLANE
GAGE
PLANE
DETAIL E
L
A1
θ
.014
B
D
A
M
.283
.293
N
.363
.373
P
.107
.117
S
.192
.202
N
S
P
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com