Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 603 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 603 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 599Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 600Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 601Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 602Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 603Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 604Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 605Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 606Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 607Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 670 page
background image
MC14468
4–11
Motorola Sensor Device Data
www.motorola.com/semiconductors
TIMING PARAMETERS (C = 0.1
µF, Rbias = 8.2 MΩ, VDD = 9.0 V, TA = 25°C, See Figure 6)
Characteristics
Symbol
Min
Typ#
Max
Units
Oscillator Period
No Smoke
Smoke
tCI
1.34
32
1.67
40
2.0
48
s
ms
Oscillator Rise Time
tr
8.0
10
12
ms
Horn Output
On Time
(During Smoke)
Off Time
PWon
PWoff
120
60
160
80
208
104
ms
ms
LED Output
Between Pulses
On Time
tLED
PWon
32
8.0
40
10
48
12
s
ms
Horn Output
On Time
(During Low Battery)
Between Pulses
ton
toff
8.0
32
10
40
12
48
ms
s
# Data labelled “Typ’’ is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Block Diagram
+
–
VDD
LOW BATTERY
COMPARATOR
POWER–ON
RESET
+
–
VDD
45 K
3
280 K
7
12
13
325 K
+
–
15
DETECT INPUT
14
LO–Z
16
HI–Z
VDD
VDD
8
11
10
5
LOW V SET
1
DETECT
COMPARATOR OUT
ALARM
LOGIC
DETECT
COMPARATOR
I/O
2
OSC
AND
TIMING
SILVER
BRASS
GUARD
AMP
STROBE OUT
4
LED
FEEDBACK
TO OTHER UNITS
VDD = PIN 6
VSS = PIN 9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com