Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 611 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 611 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 607Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 608Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 609Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 610Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 611Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 612Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 613Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 614Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 615Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 670 page
background image
4–19
Motorola Sensor Device Data
www.motorola.com/semiconductors
Low–Power CMOS
ALARM IC
with Horn Driver
The MC14600 Alarm IC is designed to simplify the process of interfacing an
alarm level voltage condition to a piezoelectric horn and/or LED. With an extremely
low average current requirement and an integrated low battery detect feature, the
part is ideally suited to battery operated applications. The MC14600 is easily
configured with a minimum number of external components to serve a wide range
of applications and circuit configurations. Typical applications include intrusion
alarms, moisture or water ingress alarms, and personal safety devices.
• High Impedance, FET Input Comparator
• Comparator Outputs for Low Battery and Alarm Detect
• Alarm Detect Threshold Easily Established with 2 Resistor
• Integrated Oscillator and Piezoelectric Horn Driver
• Low Battery Trip Point Set Internally (Altered Externally)
• Horn “Chirp’’ During Low Battery Condition
• Pulsed LED Drive Output
• Reverse Battery Protection
• Input Protection Diodes on the Detect Input
• Average Supply Current: 9 µA
MAXIMUM RATINGS* (Voltages referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
*0.5 to + 15
V
Input Voltage, All Inputs Except Pin 8
Vin
*0.25 to VDD + 0.25
V
DC Current Drain per Input Pin,
Except Pin 15 = 1 mA
I
10
mA
DC Current Drain per Output Pin
I
30
mA
Operating Temperature Range
TA
*10 to + 60°C
°C
Storage Temperature Range
Tstg
*55 to + 125
°C
Reverse Battery Time
tRB
5.0
s
* Maximum Ratings are those values beyond which damage to the device may occur.
This device contains circuitry to protect the inputs against damage due to high static voltages
or electric fields; however, it is advised that normal precautions be taken to avoid application
of any voltage higher than maximum rated voltages to this high impedance circuit. For proper
operation it is recommended that Vin and Vout be constrained to the range VSS v (Vin or Vout)
v VDD.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC14600
P SUFFIX
PLASTIC DIP
CASE 648–08
PIN ASSIGNMENT
(16 PIN DIP)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Detect
Comp. Out
N/C
Low V Set
Low V
Comp. Out
LED
VDD
Timing
Resistor
Horn
Feedback
Guard
Alarm
Detect Input
N/C
Alarm
Threshold
Osc Capacitor
Horn Out 2
Horn Out 1
VSS
ORDERING INFORMATION
1
16
MC14600P
PLASTIC DIP
MC14600DW
SOIC
MC14600DWR2
SOIC TAPE & REEL
DW SUFFIX
SOIC PACKAGE
CASE 751G–03
1
16
REV 3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com