Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 617 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 617 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 613Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 614Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 615Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 616Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 617Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 618Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 619Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 620Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 621Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 617 / 670 page
background image
MC145010
4–25
Motorola Sensor Device Data
www.motorola.com/semiconductors
BLOCK DIAGRAM
+
–
+
–
DETECT
OSC
R1
TEST
STROBE
LOW–SUPPLY
TRIP
3
12
13
16
4
15
2
1
C1 C2
OSC
AMP
COMP
COMP
ALARM
LOGIC
HORN MODULATOR
AND DRIVER
VDD – 5 V
REF
TIMING
LOGIC
VDD – 3.5 V
REF
SMOKE
GATE
ON/OFF
GATE
ON/OFF
8
9
10
6
11
7
PIN 5 = VDD
PIN 14 = VSS
LED
IRED
FEEDBACK
SILVER
BRASS
I/O
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
*0.5 to +12
V
Vin
DC Input Voltage
C1, C2, Detect
Osc, Low–Supply Trip
I/O
Feedback
Test
*0.25 to VDD +0.25
*0.25 to VDD +0.25
*0.25 to VDD +10
*15 to +25
*1.0 to VDD +0.25
V
Iin
DC Input Current, per Pin
"10
mA
Iout
DC Output Current, per Pin
"25
mA
IDD
DC Supply Current, VDD and VSS Pins
+25 /
*150
mA
PD
Power Dissipation in Still Air,
5 Seconds
Continuous
1200**
350***
mW
Tstg
Storage Temperature
*55 to +125
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in
the Electrical Characteristics tables.
** Derating: – 12 mW/
°C from 25° to 60°C.
*** Derating: – 3.5 mW/
°C from 25° to 60°C.
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must
be taken to avoid applications of any voltage higher than maximum rated voltages to this high–impedance circuit. For proper operation, Vin and
Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD except for the I/O, which can exceed VDD, and the Test input, which can go
below VSS.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs and/or an unused I/O must
be left open.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com