Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 629 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 629 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 625Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 626Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 627Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 628Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 629Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 630Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 631Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 632Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 633Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 629 / 670 page
background image
MC145011
4–37
Motorola Sensor Device Data
www.motorola.com/semiconductors
AC ELECTRICAL CHARACTERISTICS (Reference Timing Diagram Figures 3 and 4)
(TA = 25°C, VDD = 9.0 V, Component Values from Figure 5: R1 = 100.0 KΩ, C3 = 1500.0 pF, R2 = 10.0 MΩ)
No.
Symbol
Parameter
Test Condition
Min
Max
Unit
1
1/fosc
Oscillator Period*
Free–Running Sawtooth
Measured at Pin 12
9.5
11.5
ms
2
tLED
LED Status
No Local Smoke, and
No Remote Smoke
Illuminated
3
Remote Smoke, but
No Local Smoke
Illuminated
4
Local Smoke or Pushbutton
Test
Extinguished
5
tw(stb)
Strobe Pulse Width
9.5
11.5
ms
6
tIRED
IRED Pulse Period
Smoke Test
9.67
11.83
s
7
Chamber Sensitivity Test,
without Local Smoke
38.9
47.1
8
Pushbutton Test
0.302
0.370
9
tw(IRED)
IRED Pulse Width
94
116
µs
10
tr
IRED Rise Time
—
30
µs
tf
IRED Fall Time
—
200
11
tmod
Silver and Brass Modulation Period
Local or Remote Smoke
297
363
ms
11, 12
ton/tmod
Silver and Brass Duty Cycle
Local or Remote Smoke
73
77
%
13
tCH
Silver and Brass Chirp Pulse Period
Low Supply or Degraded
Chamber Sensitivity
38.9
47.1
s
14
tw(CH)
Silver and Brass Chirp Pulse Width
Low Supply or Degraded
Chamber Sensitivity
9.5
11.5
ms
15
tRR
Rising Edge on I/O to Smoke Alarm Response Time
Remote Smoke,
No Local Smoke
—
800
ms
16
tstb
Strobe Pulse Period
Smoke Test
9.67
11.83
s
17
Chamber Sensitivity Test,
without Local Smoke
38.9
47.1
18
Low Supply Test,
without Local Smoke
38.9
47.1
19
Pushbutton Test
0.302
0.370
* Oscillator period T (= Tr + Tf) is determined by the external components R1, R2, and C3 where Tr = (0.6931) R2 C3 and Tf = (0.6931) R1 C3.
The other timing characteristics are some multiple of the oscillator timing as shown in the table.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com