Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 654 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 654 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 650Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 651Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 652Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 653Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 654Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 655Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 656Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 657Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 658Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 670 page
background image
MC145018
4–62
Motorola Sensor Device Data
www.motorola.com/semiconductors
TIMING PARAMETERS (C = 0.1
µF, Rbias = 8.2 MΩ, VDD = 9.0 V, TA = 25°C, See Figure 6)
Characteristics
Symbol
Min
Max
Units
Oscillator Period
No Smoke
Smoke
tCI
1.46
37.5
1.85
45.8
s
ms
Oscillator Rise Time
tr
10.1
12.3
ms
Horn Output
On Time
(During Smoke)
Off Time
PWon
PWoff
450
450
550
550
ms
ms
LED Output
Between
Pulses
On Time
tLED
PWon
35.0
10.1
44.5
12.3
s
ms
Horn Output
On Time
(During Low Battery)
Between
Pulses
ton
toff
10.1
35.0
12.3
44.5
ms
s
LOW BATTERY
COMPARATOR
Figure 1. Block Diagram
VDD
45 K
3
LOW V SET
1
DETECT
COMP. OUT
280 K
13
SENSITIVITY
SET
325 K
STROBE OUT
4
VDD
+
–
+
–
15
DETECT
INPUT
DETECT
COMPARATOR
GUARD
AMP
+
–
LO–Z
14
16
ALARM
LOGIC
POWER–ON
RESET
OSC
AND
TIMING
I/O
2
11
FEEDBACK
8
10
SILVER
BRASS
5
LED
VDD = PIN 6
VSS = PIN 9
12
7
VDD
TO OTHER UNITS
HI–Z
VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com