Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AT1 Datasheet(PDF) 181 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 181 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 177Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 178Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 179Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 180Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 181Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 182Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 183Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 184Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 185Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 670 page
background image
3–35
Motorola Sensor Device Data
www.motorola.com/semiconductors
100 kPa
On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPX2100 series device is a silicon piezoresistive pressure sensor providing a
highly accurate and linear voltage output — directly proportional to the applied pressure.
The sensor is a single, monolithic silicon diaphragm with the strain gauge and a thin–film
resistor network integrated on–chip. The chip is laser trimmed for precise span and offset
calibration and temperature compensation.
Features
• Temperature Compensated Over 0°C to +85°C
• Easy–to–Use Chip Carrier Package Options
• Available in Absolute, Differential and Gauge Configurations
• Ratiometric to Supply Voltage
•±0.25% Linearity (MPX2100D)
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Barometers
• Altimeters
Figure 1 illustrates a block diagram of the internal circuitry on the stand–alone
pressure sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VS
3
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout–
1
GND
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential
pressure applied.
The absolute sensor has a built–in reference vacuum. The output voltage will decrease
as vacuum, relative to ambient, is drawn on the pressure (P1) side.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure (P1) side relative to the vacuum (P2) side. Similarly,
output voltage increases as increasing vacuum is applied to the vacuum (P2) side
relative to the pressure (P1) side.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPX2100
SERIES
0 to 100 kPa (0 to 14.5 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
UNIBODY PACKAGE
MPX2100AP/GP
CASE 344B
MPX2100ASX/GSX
CASE 344F
MPX2100A/D
CASE 344
MPX2100DP
CASE 344C
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
NOTE: Pin 1 is noted by the notch in
the lead.
REV 9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com