Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AST1 Datasheet(PDF) 357 Page - Motorola, Inc

Part # MPXM2102AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AST1 Datasheet(HTML) 357 Page - Motorola, Inc

Back Button MPXM2102AST1 Datasheet HTML 353Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 354Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 355Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 356Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 357Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 358Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 359Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 360Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 361Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 670 page
background image
3–211
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1303
A Simple 4-20 mA Pressure Transducer
Evaluation Board
Prepared by: Denise Williams
Discrete Applications Engineering
INTRODUCTION
The two wire 4 – 20 mA current loop is one of the most widely
utilized transmission signals for use with transducers in
industrial applications. A two wire transmitter allows signal
and power to be supplied on a single wire–pair. Because the
information is transmitted as current, the signal is relatively
immune to voltage drops from long runs and noise from
motors, relays, switches and industrial equipment. The use of
additional power sources is not desirable because the
usefulness of this system is greatest when a signal has to be
transmitted over a long distance with the sensor at a remote
location. Therefore, the 4 mA minimum current in the loop is
the maximum usable current to power the entire control
circuitry.
Figure 1 is a block diagram of a typical 4 – 20 mA current
loop system which illustrates a simple two chip solution to
converting pressure to a 4 – 20 mA signal. This system is
designed to be powered with a 24 Vdc supply. Pressure is
converted to a differential voltage by the Motorola MPX5100
pressure sensor.
The voltage signal proportional to the
monitored pressure is then converted to the 4 – 20 mA current
signal with the Burr–Brown XTR101 Precision Two–Wire
Transmitter. The current signal can be monitored by a meter
in series with the supply or by measuring the voltage drop
across RL. A key advantage to this system is that circuit
performance is not affected by a long transmission line.
SENSOR
PRESSURE
PORT
PRESSURE
SOURCE
PRESSURE
SENSOR
TRANSMITTER
CIRCUITRY
4 – 20 mA PRESSURE TRANSDUCER
TRANSMISSION
LINE
RL
CURRENT
METER
24 VDC
Figure 1. System Block Diagram
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com