Electronic Components Datasheet Search
  English  ▼

X  

MPX2200DP Datasheet(PDF) 365 Page - Motorola, Inc

Part # MPX2200DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2200DP Datasheet(HTML) 365 Page - Motorola, Inc

Back Button MPX2200DP Datasheet HTML 361Page - Motorola, Inc MPX2200DP Datasheet HTML 362Page - Motorola, Inc MPX2200DP Datasheet HTML 363Page - Motorola, Inc MPX2200DP Datasheet HTML 364Page - Motorola, Inc MPX2200DP Datasheet HTML 365Page - Motorola, Inc MPX2200DP Datasheet HTML 366Page - Motorola, Inc MPX2200DP Datasheet HTML 367Page - Motorola, Inc MPX2200DP Datasheet HTML 368Page - Motorola, Inc MPX2200DP Datasheet HTML 369Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 670 page
background image
3–219
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1305
An Evaluation System for Direct Interface
of the MPX5100 Pressure Sensor with
a Microprocessor
Prepared by: Bill Lucas
Discrete Applications Engineering
INTRODUCTION
Interfacing
pressure
sensors
to
analog–to–digital
converters or microprocessors with on–chip A/D converters
has been a challenge that most engineers do not enjoy
accepting. Recent design advances in pressure sensing
technology have allowed the engineer to directly interface a
pressure sensor to an A/D converter with no additional active
components. This has been made possible by integrating a
temperature compensated pressure sensor element and
active linear circuitry on the same die. A description of an
evaluation board that shows the ease of interfacing a signal
conditioned pressure sensor to an A/D converter is presented
here.
Figure 1. DEVB–114 MPX5100 Evaluation Module
(Board No Longer Available)
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com