| Electronic Components Datasheet Search |
|
MPX2200DP Datasheet(PDF) 446 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPX2200DP Datasheet(HTML) 446 Page - Motorola, Inc |
|
446 / 670 page ![]() AN1513 3–300 Motorola Sensor Device Data www.motorola.com/semiconductors Crimp–on Clamp Nylon Snap Spring Wire Screw–on Figure 4. Hose Clamps The two clamps most recommended by Motorola are the crimp–on clamp and the screw–on, Clippard reusable clamp. The crimp–on type clamp is offered from both Ryan Herco (#0929–007) and Clippard (#5000–2). Once crimped in place, it provides a very secure hold, but it is not easily removed and is not reusable. The Clippard, reusable hose clamp is a brass, self–threading clamp, which provides an equally strong grip as the crimp–on type just described. The drawback is the reusable clamp is considerably more expensive. The nylon snap is also reusable, however the size options do not match the necessary outside diameter. The spring wire clamp, common in the automotive industry, and known for its very low cost and ease of use, also has a size matching problem. Custom fit spring wire clamps may provide some cost savings in particular applications. Hoses Norton–Performance Plastics Worldwide Headquarters 150 Dey Road, Wayne, NJ 07470–4599 USA (201) 596–4700 Telex: 710–988–5834 USA P.O. Box 3660, Akron, OH 44309–3660 USA (216) 798–9240 FAX: (216) 798–0358 Clippard Instrument Laboratory, Inc. 7390 Colerain Rd. Cincinnati, Ohio 45239, USA (513) 521–4261 FAX: (513) 521–4464 Ryan Herco Products Corporation P.O. Box 588 Burbank, CA 91503 1–800–423–2589 FAX: (818) 842–4488 Spring Wire Clamps RotorClip, Inc. 187 Davidson Avenue Somerset, NJ 08875–0461 1–800–631–5857 Ext. 255 Rivets and Push–Pins ITW FasTex 195 Algonquin Road Des Plaines, IL 60016 (708) 299–2222 FAX: (708) 390–8727 Bolts Quality Screw and Nut Company 1331 Jarvis Avenue Elk Grove Village, IL 60007 (312) 593–1600 Crimp–on and Nylon Clamps Ryan Herco Products Corporation P.O. Box 588 Burbank, CA 91503 1–800–423–2589 FAX: (818) 842–4488 Crimp–on and Screw–on Clamps Clippard Instrument Laboratory, Inc. 7390 Colerain Rd. Cincinnati, Ohio 45239, USA (513) 521–4261 FAX: (513) 521–4464 SUPPLIER LIST Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |