Electronic Components Datasheet Search
  English  ▼

X  

MPX2200DP Datasheet(PDF) 463 Page - Motorola, Inc

Part # MPX2200DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2200DP Datasheet(HTML) 463 Page - Motorola, Inc

Back Button MPX2200DP Datasheet HTML 459Page - Motorola, Inc MPX2200DP Datasheet HTML 460Page - Motorola, Inc MPX2200DP Datasheet HTML 461Page - Motorola, Inc MPX2200DP Datasheet HTML 462Page - Motorola, Inc MPX2200DP Datasheet HTML 463Page - Motorola, Inc MPX2200DP Datasheet HTML 464Page - Motorola, Inc MPX2200DP Datasheet HTML 465Page - Motorola, Inc MPX2200DP Datasheet HTML 466Page - Motorola, Inc MPX2200DP Datasheet HTML 467Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 670 page
background image
AN1518
3–317
Motorola Sensor Device Data
www.motorola.com/semiconductors
CONCLUSION
The Pulse Width Modulated Output Pressure Sensor uses
a ramp generator to create a linear ramp which is compared
to the amplified output of the pressure sensor at the input of
a comparator. The resulting output is a digital waveform with
a duty cycle that is linearly proportional to the input pressure.
Although the pressure sensor output has a fixed offset and
span, the ramp waveform is adjustable in frequency, dc offset,
and voltage span. This flexibility enables the effect of
component tolerances to be nullified and ensures that ramp
span encompasses the pressure sensor output range. The
ramp’s span can be set to allow for the desired minimum and
maximum duty cycle to guarantee a linear dynamic range.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com