Electronic Components Datasheet Search
  English  ▼

X  

MPX2200DP Datasheet(PDF) 511 Page - Motorola, Inc

Part # MPX2200DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2200DP Datasheet(HTML) 511 Page - Motorola, Inc

Back Button MPX2200DP Datasheet HTML 507Page - Motorola, Inc MPX2200DP Datasheet HTML 508Page - Motorola, Inc MPX2200DP Datasheet HTML 509Page - Motorola, Inc MPX2200DP Datasheet HTML 510Page - Motorola, Inc MPX2200DP Datasheet HTML 511Page - Motorola, Inc MPX2200DP Datasheet HTML 512Page - Motorola, Inc MPX2200DP Datasheet HTML 513Page - Motorola, Inc MPX2200DP Datasheet HTML 514Page - Motorola, Inc MPX2200DP Datasheet HTML 515Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 670 page
background image
AN1573
3–365
Motorola Sensor Device Data
www.motorola.com/semiconductors
H
H
PP
Figure 3. Continuous Fluid System
Figure 4. Pressure Measurement at a Depth in a Liquid
Dynamic Pressure Systems
Dynamic pressure systems are more complex than static systems and can be more difficult to measure. In a dynamic system,
pressure typically is defined using three different terms. The first pressure we can measure is
static pressure. This pressure is the
same as the static pressure that is measured in a static system. Static pressure is independent of the fluid movement or flow. As
with a static system the static pressure acts equally in all directions. The second type of pressure is what is referred to as the
dynamic pressure. This pressure term is associated with the velocity or the flow of the fluid. The third pressure is total pressure
and is simply the static pressure plus the dynamic pressure.
Steady–State Dynamic Systems
Care must be taken when measuring dynamic system pressures. For a dynamic system, under steady–state conditions,
accurate static pressures may be measured by tapping into the fluid stream perpendicular to the fluid flow. For a dynamic system,
steady–state conditions are defined as no change in the system flow conditions: pressure, flow rate, etc. Figure 5 illustrates a
dynamic system with a fluid flowing through a pipe or duct. In this example a static pressure tap is located in the duct wall at point
A. The tube inserted into the flow is called a Pitot tube. The Pitot tube measures the total pressure at point B in the system. The
total pressure measured at this point is referred to as the
stagnation pressure. The stagnation pressure is the value obtained when
a flowing fluid is decelerated to zero velocity in an isentropic (frictionless) process. This process converts all of the energy from
the flowing fluid into a pressure that can be measured. The stagnation or total pressure is the static pressure plus the dynamic
pressure. It is very difficult to accurately measure dynamic pressures. When dynamic pressure measurement is desired, the total
and static pressures are measured and then subtracted to obtain the dynamic pressure. Dynamic pressures can be used to
determine the fluid velocities and flow rates in dynamic systems.
When measuring dynamic system pressures, care must be taken to ensure accuracy. For static pressure measurements, the
pressure tap location should be chosen so that the measurement is not influenced by the fluid flow. Typically, taps are located
perpendicular to the flow field. In Figure 5, the static pressure tap at point A is in the wall of the duct and perpendicular to the flow
field. In Figures 6a and 6c the static taps (point A) in the pressure probes are also perpendicular to the flow field. These examples
show the most common type of static pressure taps, however there are many different static pressure tap options. For total or
stagnation pressure measurements, it is important that the Pitot or impact tube be aligned parallel to the flow field with the tip
of the tube pointing directly into the flow. In Figures 6b and 6c, the Pitot tube is aligned parallel with the flow, with the tube opening
pointing directly into the flow. Although the static pressure is independent of direction, the dynamic pressure is a vector quantity
which depends on both magnitude and direction for the total measured value. If the Pitot tube is misaligned with the flow, accuracy
of the total pressure measurement may suffer. In addition, for accurate pressure measurements the pressure tap holes and probes
must be smooth and free from any burrs or obstructions that could cause disturbances in the flow. The location of the pressure
taps and probes, static and total, must also be selected carefully. Any location in the system where the flow field may be disturbed
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com