Electronic Components Datasheet Search
  English  ▼

X  

MPX2200DP Datasheet(PDF) 107 Page - Motorola, Inc

Part # MPX2200DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2200DP Datasheet(HTML) 107 Page - Motorola, Inc

Back Button MPX2200DP Datasheet HTML 103Page - Motorola, Inc MPX2200DP Datasheet HTML 104Page - Motorola, Inc MPX2200DP Datasheet HTML 105Page - Motorola, Inc MPX2200DP Datasheet HTML 106Page - Motorola, Inc MPX2200DP Datasheet HTML 107Page - Motorola, Inc MPX2200DP Datasheet HTML 108Page - Motorola, Inc MPX2200DP Datasheet HTML 109Page - Motorola, Inc MPX2200DP Datasheet HTML 110Page - Motorola, Inc MPX2200DP Datasheet HTML 111Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 670 page
background image
AN1611
2–71
Motorola Sensor Device Data
www.motorola.com/semiconductors
OCMPLO1
EQU
$17
; Output Compare Register 1 Low Byte
TCNTHI
EQU
$18
; Timer Count Register High Byte
TCNTLO
EQU
$19
; Timer Count Register Low Byte
OCMPHI2
EQU
$1E
; Output Compare Register 2 High Byte
OCMPLO2
EQU
$1F
; Output Compare Register 2 Low Byte
******************************************
*
*
*
User–defined RAM
*
*
*
******************************************
SIGN
EQU
$54
; Acceleration (–) or deceleration (+)
PRESHI2
EQU
$55
; MSB of accumulated acceleration
PRESHI
EQU
$56
PRESLO
EQU
$57
; LSB of accumulated acceleration
PTEMPHI
EQU
$58
; Acceleration High Byte (Temp storage)
PTEMPLO
EQU
$59
; Acceleration Low Byte (Temp storage)
ACCHI
EQU
$5A
; Temp storage of acc value (High byte)
ACCLO
EQU
$5B
;
(Low byte)
ADCOUNTER
EQU
$5C
; Sampling Counter
AVERAGE_H
EQU
$5D
; MSB of the accumulated data of low g
AVERAGE_M
EQU
$5E
AVERAGE_L
EQU
$5F
; LSB of the accumulated data of low g
SHIFT_CNT
EQU
$60
; Counter for shifting the accumulated data
AVE_CNT1
EQU
$61
; Number of samples in the accumulated data
AVE_CNT2
EQU
$75
TEMPTCNTHI
EQU
$62
; Temp storage for Timer count register
TEMPTCNTLO
EQU
$63
; Temp storage for Timer count register
DECHI
EQU
$64
; Decimal digit high byte
DECLO
EQU
$65
; Decimal digit low byte
DCOFFSETHI
EQU
$66
; DC offset of the output (high byte)
DCOFFSETLO
EQU
$67
; DC offset of the output (low byte)
MAXACC
EQU
$68
; Maximum acceleration
TEMPHI
EQU
$69
TEMPLO
EQU
$6A
TEMP1
EQU
$6B
; Temporary location for ACC during delay
TEMP2
EQU
$6C
; Temporary location for ACC during ISR
DIV_LO
EQU
$6D
; No of sampling (low byte)
DIV_HI
EQU
$6E
; No of sampling (high byte)
NO_SHIFT
EQU
$6F
; No of right shift to get average value
ZERO_ACC
EQU
$70
; Zero acceleration in no of ADC steps
HOLD_CNT
EQU
$71
; Hold time counter
HOLD_DONE
EQU
$72
; Hold time up flag
START_TIME
EQU
$73
; Start of count down flag
RSHIFT
EQU
$74
; No of shifting required for division
ORG
$300
; ROM space 0300 to 3DFE (15,104 bytes)
DB
$FC
; Display ”0”
DB
$30
; Display ”1”
DB
$DA
; Display ”2”
DB
$7A
; Display ”3”
DB
$36
; Display ”4”
DB
$6E
; Display ”5”
DB
$EE
; Display ”6”
DB
$38
; Display ”7”
DB
$FE
; Display ”8”
DB
$7E
; Display ”9”
HUNDREDHI
DB
$00
; High byte of hundreds
HUNDREDLO
DB
$64
; Low byte of hundreds
TENHI
DB
$00
; High byte of tens
TENLO
DB
$0A
; Low byte of tens
******************************************
*
*
*
Program starts here upon hard reset
*
*
*
******************************************
RESET
CLR
PORTC
; Port C = 0
CLR
PORTB
; Port B = 0
CLR
PORTA
; Port A = 0
LDA
#$FF
STA
$06
; Port C as output
STA
$05
; Port B as output
STA
$04
; Port A as output
LDA
TSTATUS
; Dummy read the timer status register
CLR
OCMPHI2
; so as to clear the OCF
CLR
OCMPHI1
LDA
OCMPLO2
JSR
COMPRGT
CLR
START_TIME
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com