Electronic Components Datasheet Search
  English  ▼

X  

MPX2200DP Datasheet(PDF) 157 Page - Motorola, Inc

Part # MPX2200DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2200DP Datasheet(HTML) 157 Page - Motorola, Inc

Back Button MPX2200DP Datasheet HTML 153Page - Motorola, Inc MPX2200DP Datasheet HTML 154Page - Motorola, Inc MPX2200DP Datasheet HTML 155Page - Motorola, Inc MPX2200DP Datasheet HTML 156Page - Motorola, Inc MPX2200DP Datasheet HTML 157Page - Motorola, Inc MPX2200DP Datasheet HTML 158Page - Motorola, Inc MPX2200DP Datasheet HTML 159Page - Motorola, Inc MPX2200DP Datasheet HTML 160Page - Motorola, Inc MPX2200DP Datasheet HTML 161Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 670 page
background image
3–11
Motorola Sensor Device Data
www.motorola.com/semiconductors
Unibody Cross–sectional Drawings
Figure 9. Cross–Sectional Diagrams (not to scale)
SILICONE GEL
DIE COAT
WIRE BOND
LEAD FRAME
DIFFERENTIAL/GAUGE
DIE
STAINLESS STEEL
METAL COVER
EPOXY
CASE
DIFFERENTIAL/GAUGE ELEMENT
DIE
BOND
SILICONE GEL
DIE COAT
WIRE BOND
LEAD FRAME
ABSOLUTE
DIE
STAINLESS STEEL
METAL COVER
EPOXY
CASE
DIE
BOND
ABSOLUTE ELEMENT
P1
P2
P1
Figure 9 illustrates the absolute sensing configuration
(right) and the differential or gauge configuration in the basic
chip carrier (Case 344). A silicone gel isolates the die surface
and wire bonds from harsh environments, while allowing the
pressure signal to be transmitted to the silicon diaphragm.
The MPX series pressure sensor operating characteristics
and internal reliability and qualification tests are based on use
of dry air as the pressure media. Media other than dry air may
have adverse effects on sensor performance and long term
stability. Contact the factory for information regarding media
compatibility in your application.
Figure 10. Cross–Sectional Diagram (not to scale)
FLUORO SILICONE
DIE COAT
WIRE BONDS
LEAD FRAME
DIE
STAINLESS STEEL
METAL COVER
EPOXY CASE
P1
Figure 10 illustrates the differential/gauge die in the
basic chip carrier (Case 473). A silicone gel isolates the
die surface and wirebonds from the environment, while
allowing the pressure signal to be transmitted to the
silicon diaphragm.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com